Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-3928 Datasheet(PDF) 1 Page - Sensitron

Part # LED-3928
Description  LED Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

LED-3928 Datasheet(HTML) 1 Page - Sensitron

  LED-3928 Datasheet HTML 1Page - Sensitron LED-3928 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
•
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 568, REV. -
LED Array
Sensitron provides custom light or switching LED Arrays to satisfy many
electrical and mechanical design requirements. Available from 4 to 88 LEDs per
array.
Applications/Markets:
τ Aircraft Switch Panels
τ Satellites
τ Military
τ Space/Aerospace
τ High-Rel Industrial
• Input Voltages – 10 to 50 Volts.
• Internal switching frequency – 80kHz
• Light adjustable for day & night
Brightness.
• Current – 5mA to 750mA (dependant
upon number of LEDs in array); high
efficiency.
• Size – 12 LED array is approximately
0.35” x 0.75”.
• Weight – 12 LED array is approximately
2.2 grams.
• Temperature range -- -40° to +85°C.
• Available in 4 different colors:
-LED-3926 Red
-LED-3927 White/Green
-LED-3928 Amber
Features/Benefits:
τ Flexible Design Configurations
τ Various Power Device Options
INPUT
Contact the factory for your unique design
requirements.
LED
CONTROLLER
CIRCUIT
LED-3926
LED-3927
LED-3928


Similar Part No. - LED-3928

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
Switch Mode LED Drivers
LED-35W ETC2-LED-35W Datasheet
740Kb / 4P
Narrow cross-section fits T5-style ballast channels Off-line Switch Mode LED Drivers
More results

Similar Description - LED-3928

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA03W-G LIGITEK-LA03W-G Datasheet
89Kb / 5P
LED ARRAY
LA08B-5G-PF LIGITEK-LA08B-5G-PF Datasheet
239Kb / 7P
LED ARRAY
LA110B-4YG-2-PF LIGITEK-LA110B-4YG-2-PF Datasheet
181Kb / 7P
LED ARRAY
LA110B-SE.X.X.SE-R1-PF LIGITEK-LA110B-SE.X.X.SE-R1-PF Datasheet
163Kb / 7P
LED ARRAY
LA110B-XHXG-PF LIGITEK-LA110B-XHXG-PF Datasheet
148Kb / 7P
LED ARRAY
LA110B-XXYG-PF LIGITEK-LA110B-XXYG-PF Datasheet
211Kb / 9P
LED ARRAY
LA179B-G2X2GX5G LIGITEK-LA179B-G2X2GX5G Datasheet
1,015Kb / 5P
LED ARRAY
LA185B-1-260-A LIGITEK-LA185B-1-260-A Datasheet
1,005Kb / 5P
LED ARRAY
logo
Lumins Inc.
CL820 LUMINIS-CL820 Datasheet
268Kb / 3P
LED array
logo
LIGITEK electronics co....
LA79B-1-4HRFUG-S30-PF LIGITEK-LA79B-1-4HRFUG-S30-PF Datasheet
211Kb / 9P
LED ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com