Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP30 Datasheet(PDF) 1 Page - Sensitron

Part # PIP30
Description  Transient Voltage Suppressor, Unidirectional
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

PIP30 Datasheet(HTML) 1 Page - Sensitron

  PIP30 Datasheet HTML 1Page - Sensitron PIP30 Datasheet HTML 2Page - Sensitron PIP30 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court Deer Park, NY 11729 (631) 586 7600, FAX (631) 242 9798 •
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 564, REV. A
Transient Voltage Suppressor, Unidirectional
FEATURES:
♦ Equivalent Industry Standard Part Numbers – PHP8.4 to PHP500 & PIP8.4 to PIP500
♦ 7,500 and 15,000 Watts Peak Pulse Power Dissipation
♦ Available in ranges from 8.4 to 500 Volts
♦ Each device is 100% tested
♦ Designed for Military (PHP Series) and Commercial (PIP Series)
PHP / PIP is designed for applications requiring “across the line” AC power protection.
These TVS modules are used in applications where extreme voltage transients can permanently damage voltage sensitive
systems or components.
MAXIMUM RATINGS
Rating
Condition
Minimum
Maximum
Units
Peak Pulse Power
Dissipation
@ 25
°, 1ms
-
7,500 &
15,000
Watts
Average Steady State
Power Dissipation
@ 50
°C
-
7.5
Watts
tclamping
0 Volts to V(BR)
-
< 1x 10 –8
Seconds
Operating & Storage Temp.
-
-65
+ 150
°C
Part Number
Average
RMS
Voltage
Volts AC
Reverse
Stand-Off
Voltage
(note 1)VWM
Volts DC
Minimum
Breakdown
Voltage
V(BR) @ It
Volts mA
Maximum
Reverse Leakage
@ Vwm
ID @ VWM
µA
Maximum
Clamping
Voltage
Vc @ IPP
Volts dc
Maximum Peak
Pulse Current
IPP
Amps
Maximum Peak
Pulse Power
(I msec)
PP
Kilowatts
PHP8.4
PHP24
PHP30
PHP60
PHP120
PHP206
PHP250
PHP440
PHP500
8.4
24.0
30.0
60.0
120.0
208.0
250.0
440.0
500.0
12.0
34.0
42.5
85.0
170.0
295.0
354.0
623.0
708.0
14
10
40
10
50
1.0
100 1.0
200 1.0
347 1.0
418 1.0
735 1.0
835 1.0
250
250
250
250
250
250
250
250
250
22
67
84
167
319
536
652
1138
1292
341
112
90
90
47
28
23
13.2
11.6
7.5
7.5
7.5
15.0
15.0
15.0
15.0
15.0
15.0
PIP8.4
PIP24
PIP30
PIP60
PIP120
PIP206
PIP250
PIP440
PIP500
8.4
24.0
30.0
60.0
120.0
208.0
250.0
440.0
500.0
12.0
34.0
42.5
85.0
170.0
295.0
354.0
623.0
708.0
14 10
40 10
50
1.0
100 1.0
200 1.0
347 1.0
418 1.0
735 1.0
835 1.0
250
250
250
250
250
250
250
250
250
22
67
84
167
319
536
652
1138
1292
341
112
90
90
47
28
23
13.2
11.6
7.5
7.5
7.5
15.0
15.0
15.0
15.0
15.0
15.0
PHP8.4 to PHP500 &
PIP8.4 to PIP500


Similar Part No. - PIP30

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PIP30 MICROSEMI-PIP30 Datasheet
80Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Protek Devices
PIP30 PROTEC-PIP30 Datasheet
72Kb / 4P
AC POWER BUS VOLTAGE SUPPRESSOR
PIP30 PROTEC-PIP30 Datasheet
61Kb / 4P
AC POWER BUS VOLTAGE SUPPRESSOR
PIP30 PROTEC-PIP30 Datasheet
377Kb / 5P
ac power bus voltage suppressor
PIP30 PROTEC-PIP30 Datasheet
379Kb / 5P
AC POWER BUS VOLTAGE SUPPRESSOR
More results

Similar Description - PIP30

ManufacturerPart #DatasheetDescription
logo
Sensitron
704-15K36 SENSITRON-704-15K36 Datasheet
170Kb / 7P
Transient Voltage Suppressor, Unidirectional
704-15K36T SENSITRON-704-15K36T_09 Datasheet
161Kb / 7P
Transient Voltage Suppressor, Unidirectional
logo
Solid States Devices, I...
STA3KA13.6JE SSDI-STA3KA13.6JE_1 Datasheet
74Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STD5KA5.0 SSDI-STD5KA5.0 Datasheet
196Kb / 3P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00004 SSDI-T00004 Datasheet
50Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00006 SSDI-T00006 Datasheet
80Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00030B SSDI-T00030B Datasheet
196Kb / 3P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00004 SSDI-T00004_15 Datasheet
50Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00006 SSDI-T00006_15 Datasheet
80Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00030B SSDI-T00030B_15 Datasheet
196Kb / 3P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com