Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6OSC0460 Datasheet(PDF) 3 Page - Mimix Broadband

Part # 6OSC0460
Description  5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

6OSC0460 Datasheet(HTML) 3 Page - Mimix Broadband

  6OSC0460 Datasheet HTML 1Page - Mimix Broadband 6OSC0460 Datasheet HTML 2Page - Mimix Broadband 6OSC0460 Datasheet HTML 3Page - Mimix Broadband 6OSC0460 Datasheet HTML 4Page - Mimix Broadband 6OSC0460 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
3
2
4
5
6
Vee2
Vee3
RF
Out
Vee1
Vtune
(Maximum
100pF)
1
3
1.800
(0.071)
1.105
(0.044)
2
1.504
(0.060)
0.0
0.0
1.504
(0.060)
4
1.105
(0.044)
5
0.566
(0.022)
0.673
(0.027)
1.350
(0.053)
6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 3 of 5
Mechanical Drawing
Bias Arrangement
Bypass Capacitors - See App Note [2]
(Note: Engineering designator is 6OSC0460)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All Bond Pads are 0.100 x 0.100 (0.004 x 0.004).
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 1.507 mg.
Bond Pad #1 (Vtune)
Bond Pad #2 (Vee1)
Bond Pad #3 (RF Out)
Bond Pad #4 (Vee2)
Bond Pad #5 (Vee3)
Bond Pad #6 (Vee3)
May 2005 - Rev 05-May-05
5.5-6.5 GHz GaAs MMIC
Voltage Controlled Oscillator
6OSC0460
Vtune
Vee1
RF Out
Vee2
Vee3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com