Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6OSC0461 Datasheet(PDF) 4 Page - Mimix Broadband

Part # 6OSC0461
Description  5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

6OSC0461 Datasheet(HTML) 4 Page - Mimix Broadband

  6OSC0461 Datasheet HTML 1Page - Mimix Broadband 6OSC0461 Datasheet HTML 2Page - Mimix Broadband 6OSC0461 Datasheet HTML 3Page - Mimix Broadband 6OSC0461 Datasheet HTML 4Page - Mimix Broadband 6OSC0461 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 4 of 5
App Note [1] Biasing - As shown in the bonding diagram, this device is operated by separately biasing Vee1,Vee2,Vee3 and Vtune with
Vee1 = Vee2 = Vee3 = -5.0 V and Vtune = 0.0 to 6.0 V, Iee1 = Iee2 = Iee3 = ~ 6.5 mA.
App Note [2] Bias Arrangement - Each DC pad (Vee1, 2, 3 and Vtune) needs to have DC bypass capacitance. (~100 - 200 pF, 100pF max on
Vtune) as close to the device as possible. The Vee3 pads have been tied together on chip and can be biased from either location.
Functional Diagram & Vtune Equivalent Input Circuit
Typical Application
MTTF Table
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
FITs
2.00E-01
2.88E+00
3.02E+01
MTTF Hours
4.99E+09
3.47E+08
3.31E+07
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
May 2005 - Rev 05-May-05
5.8-6.9 GHz GaAs MMIC
Voltage Controlled Oscillator
6OSC0461
Prescalar
Doubler
PLL IC
6OSC0461
Ref 10 MHz
Loop
Filter
Icp
Vtune
Fvco
Fout
Fsample
5.8 - 6.9 GHz
11.6-13.8 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com