Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14OSC0501 Datasheet(PDF) 3 Page - Mimix Broadband

Part # 14OSC0501
Description  14.2-15.2 GHz GaAs MMIC Voltage Controlled Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

14OSC0501 Datasheet(HTML) 3 Page - Mimix Broadband

  14OSC0501 Datasheet HTML 1Page - Mimix Broadband 14OSC0501 Datasheet HTML 2Page - Mimix Broadband 14OSC0501 Datasheet HTML 3Page - Mimix Broadband 14OSC0501 Datasheet HTML 4Page - Mimix Broadband 14OSC0501 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
3
2
4
5
6
7
Vcc1
Vtune
RF
Out
RF
Div1
RF
Div2
(Maximum
100pF)
Vcc2
Vcc3
1
3
2.000
(0.079)
0.297
(0.011)
2
0.495
(0.020)
0.000
0.000
1.631
(0.064)
4
1.229
(0.048)
5
0.732
(0.029)
1.389
(0.055)
2.000
(0.079)
6
0.991
(0.039)
7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 3 of 5
Mechanical Drawing
Bias Arrangement
Bypass Capacitors - See App Note [2]
(Note: Engineering designator is 14OSC0501)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All Bond Pads are 0.100 x 0.100 (0.004 x 0.004).
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 2.480 mg.
Bond Pad #1 (RF Div2)
Bond Pad #2 (RF Div1)
Bond Pad #3 (RF Out)
Bond Pad #4 (Vcc1)
Bond Pad #5 (Vtune)
Bond Pad #6 (Vcc2)
Bond Pad #7 (Vcc3)
May 2005 - Rev 05-May-05
14.2-15.2 GHz GaAs MMIC
Voltage Controlled Oscillator
14OSC0501
14OSC0501
RF
Out
Vcc1
Vtune
Vcc2
Vcc3
RF
Div



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com