Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15MPA0566 Datasheet(PDF) 2 Page - Mimix Broadband

Part # 15MPA0566
Description  11.0-19.0 GHz GaAs MMIC Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

15MPA0566 Datasheet(HTML) 2 Page - Mimix Broadband

  15MPA0566 Datasheet HTML 1Page - Mimix Broadband 15MPA0566 Datasheet HTML 2Page - Mimix Broadband 15MPA0566 Datasheet HTML 3Page - Mimix Broadband 15MPA0566 Datasheet HTML 4Page - Mimix Broadband 15MPA0566 Datasheet HTML 5Page - Mimix Broadband 15MPA0566 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Power Amplifier Measurements
Page 2 of 6
September 2005 - Rev 01-Sep-05
11.0-19.0 GHz GaAs MMIC
Power Amplifier
15MPA0566
5
7
9
11
13
15
17
19
21
23
25
Fr equency ( G Hz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
Small Signal Parameters
S21
S22
S11
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
Fr equency ( G Hz)
S21
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
DB(|S(2,1)|)
All S ources
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
Fr equency ( G Hz)
S12
-70
-60
-50
-40
-30
-20
-10
0
DB(|S(1,2) |)
All S ources
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
Fr equency ( G Hz)
S22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
DB(|S(2,2)|)
All S ources
15MP A056 6: Pout (d Bm) v s . f req ( GHz ) Vgs= -0.5 Vds =5 V Pin = +10 dBm
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
11
12
13
14
15
16
17
18
19
20
freq (GHz)
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
Fr equency ( G Hz)
S11
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
DB(|S(1,1) |)
All S ources



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com