Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KWR0327 Datasheet(PDF) 2 Page - Mimix Broadband

Part # 18KWR0327
Description  13.0-25.0 GHz GaAs MMIC Image Reject Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

18KWR0327 Datasheet(HTML) 2 Page - Mimix Broadband

  18KWR0327 Datasheet HTML 1Page - Mimix Broadband 18KWR0327 Datasheet HTML 2Page - Mimix Broadband 18KWR0327 Datasheet HTML 3Page - Mimix Broadband 18KWR0327 Datasheet HTML 4Page - Mimix Broadband 18KWR0327 Datasheet HTML 5Page - Mimix Broadband 18KWR0327 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Mixer Measurements
Page 2 of 6
18KWR0327
2902_0327: USB con versi on gain vs. RF freq
L O=16dBm, IF=2GHz, RF=-20dBm
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
10
12
14
16
18
20
22
24
26
28
RF freq (GHz)
2902_0327_R2C2_USB_16022004_1623.mix
2902_0327_R5C5_USB_16022004_1634.mix
2902_0327_R3C3_USB_16022004_1630.mix
2902_0327_R2C6_USB_16022004_1627.mix
2902_0327_R6C2_USB_16022004_1637.mix
2902_0327: LSB conversion gain vs. RF freq
LO =16dBm, IF=2GHz, RF=-20dBm
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
8
1012
14
161820
22
24
RF fre q (GHz)
2902_0327_R2C2_LSB_16022004_1642.mix
2902_0327_R5C5_LSB_16022004_1652.mix
2902_0327_R3C3_LSB_16022004_1648.mix
2902_0327_R2C6_LSB_16022004_1645.mix
2902_0327_R6C2_LSB_16022004_1655.mix
2902_0327: image rejection vs. RF freq
LO =16dBm, IF=2GHz, RF=-20dBm
-40
-35
-30
-25
-20
-15
-10
-5
0
10
12
14
16
18
20
22
24
26
28
RF freq (GHz)
2902_0327_R2C2_USB_16022004_1623.mix
2902_0327_R5C5_USB_16022004_1634.mix
2902_0327_R3C3_USB_16022004_1630.mix
2902_0327_R2C6_USB_16022004_1627.mix
2902_0327_R6C2_USB_16022004_1637.mix
2902_0327: image rejection vs. RF freq
LO =16dBm, IF=2GHz, RF=-20dBm
-40
-35
-30
-25
-20
-15
-10
-5
0
8
1012
14
161820
22
24
RF fre q (GHz)
2902_0327_R2C2_LSB_16022004_1642.mix
2902_0327_R5C5_LSB_16022004_1652.mix
2902_0327_R3C3_LSB_16022004_1648.mix
2902_0327_R2C6_LSB_16022004_1645.mix
2902_0327_R6C2_LSB_16022004_1655.mix
13.0-25.0 GHz GaAs MMIC
Image Reject Mixer
November 2005 - Rev 21-Nov-05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com