Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18MPA0567 Datasheet(PDF) 2 Page - Mimix Broadband

Part # 18MPA0567
Description  17.0-22.0 GHz GaAs MMIC Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

18MPA0567 Datasheet(HTML) 2 Page - Mimix Broadband

  18MPA0567 Datasheet HTML 1Page - Mimix Broadband 18MPA0567 Datasheet HTML 2Page - Mimix Broadband 18MPA0567 Datasheet HTML 3Page - Mimix Broadband 18MPA0567 Datasheet HTML 4Page - Mimix Broadband 18MPA0567 Datasheet HTML 5Page - Mimix Broadband 18MPA0567 Datasheet HTML 6Page - Mimix Broadband 18MPA0567 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Power Amplifier Measurements @Tamb=25ºC
Page 2 of 7
September 2005 - Rev 01-Sep-05
17.0-22.0 GHz GaAs MMIC
Power Amplifier
18MPA0567
16
16.5
17
17. 5
18
18.5
19
19. 5
20
20. 5
21
21. 5
22
22. 5
23
Frequency (GH z)
18MPA0567 S11
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
16
16. 5
17
17. 5
18
18. 5
19
19.5
20
20. 5
21
21.5
22
22. 5
23
Frequency (GHz)
18MPA0567 S21
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
16
16.5
17
17.5
18
18.5
19
19.5
20
20.5
21
21.5
22
22.5
23
Frequency (GH z)
18MPA0567 S12
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
16
16.5
17
17.5
18
18.5
19
19.5
20
20. 5
21
21. 5
22
22. 5
23
Frequency (G Hz)
18MPA0567 S22
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
18MPA0567 @ VD=5, 5. 5 & 6 V
0
5
10
15
20
25
30
16
17
18
19
20
21
22
23
Frequenc y ( GHz)
Vd =5 V
Vd =6 V
Vd =5. 5 V
Vd =6 V
V d=5.5 V
Vd =5 V
Ga in
P- 1dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com