Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20DBL0629 Datasheet(PDF) 2 Page - Mimix Broadband

Part # 20DBL0629
Description  18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

20DBL0629 Datasheet(HTML) 2 Page - Mimix Broadband

  20DBL0629 Datasheet HTML 1Page - Mimix Broadband 20DBL0629 Datasheet HTML 2Page - Mimix Broadband 20DBL0629 Datasheet HTML 3Page - Mimix Broadband 20DBL0629 Datasheet HTML 4Page - Mimix Broadband 20DBL0629 Datasheet HTML 5Page - Mimix Broadband 20DBL0629 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Power Amplifier Measurements
Page 2 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
18.0-21.0/36.0-42.0 GHz GaAs MMIC
Doubler and Power Amplifier
20DBL0629
September 2005 - Rev 01-Sep-05
WP 398 - 042A A102: 20D B L 0629 (8 samples)
VdX2=2.5 V , Vd B=3 V, Vd PA =4.5 V, P in= +2..+9 d B m
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
37
37.5
38
38.5
39
39.5
40
Output frequency ( G Hz)
P out @ 2 f in
P out @ f in
20DBL0629 at Vdx2=2.5 V, Vdbuff=3 V I db=30 mA, V dPA=4.5 V I dPA=520 mA
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
-10 -9
-8-7-6-5
-4-3-2
-1
0
1
2
3
4
5
6
7
8
9
10
Input power (dBm) at fin
37.0
37.5
38.0
38.5
39.0
39.5
40.0
10
15
20
25
30
35
P
in
=+10 dB m
P
in
=0 dBm
Output frequency (G Hz)
20DBL0629 (R10 C11 ): V
dX2
=2.5V, V
dB
=3 V , V
dPA
=4.5 V @ P
in
=0..+10 dB m
024
68
10
15
20
25
30
35
37-40 GHz
Input power @ f
in
(G Hz)
20DBL0629 (R10C11): V
dX2
=2.5V, V
dB
=3 V , V
dPA
=4.5 V @ P
in
=0..+10 dB m
20DB L 0629 at V dx2=2.5 V, Vdbuff=3 V I db=30 mA, VdPA=4.5 V I dPA=520 mA
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
-10 -9
-8
-7
-6
-5
-4
-3
-2
-1
0
12
34
5
678
9
10
Input power ( dBm) a t fin
20DB L 0629 at Vdx2=2.5 V , Vdbuff =3 V I db=30 mA , V dPA=4.5 V IdPA=520 mA
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-10 -9 -8-7-6 -5-4-3
-2-1
0
1
2
3
4
5
6
7
8
9
10
Input power (dB m) at f in
062 9, RC =R 10C 12, R F freq (G Hz)=37
062 9, RC =R 10C 12, R F freq (G Hz)=38
062 9, RC =R 10C 12, R F freq (G Hz)=39
062 9, RC =R 10C 12, R F freq (G Hz)=40



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com