Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26BAM0545 Datasheet(PDF) 2 Page - Mimix Broadband

Part # 26BAM0545
Description  20.0-38.0 GHz GaAs MMIC Balanced Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

26BAM0545 Datasheet(HTML) 2 Page - Mimix Broadband

  26BAM0545 Datasheet HTML 1Page - Mimix Broadband 26BAM0545 Datasheet HTML 2Page - Mimix Broadband 26BAM0545 Datasheet HTML 3Page - Mimix Broadband 26BAM0545 Datasheet HTML 4Page - Mimix Broadband 26BAM0545 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mixer Measurements
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 2 of 5
26BAM0545
20.0-38.0 GHz GaAs MMIC
Balanced Mixer
26BAM0545: LO to RF Isolation (dB) vs LO Freq (GHz)
LO = +12 dBm, Vg = -0.5 V
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
18
20
22
24
26
28
30
32
34
36
38
40
LO (GHz)
26BAM0545: IIP3 (dBm) vs. RF USB (GHz)
IF = 2 GHz at -13 dBm per Tone
0
5
10
15
20
25
30
18
20
22
24
26
28
30
32
34
36
38
40
RF USB (GHz)
LO = 9 dBm
LO = 12 dBm
LO = 15 dBm
26BAM0545: IIP3 (dBm) vs. RF LSB (GHz)
IF = 2 GHz at -13 dBm per Tone
0
5
10
15
20
25
30
18
20
22
24
26
28
30
32
34
36
38
40
RF LSB (GHz)
LO = 9 dBm
LO = 12 dBm
LO = 15 dBm
November 2005 - Rev 21-Nov-05
26BAM0545: Conversion Gain (dB) vs RF Freq (GHz)
IF = 1.8 GHz, IF Pin = -10 dBm, LO = +12 dBm
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
18
20
22
24
26
28
30
32
34
36
38
40
RF (GHz)
RF at USB
RF at LSB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com