Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2 Datasheet(PDF) 17 Page - 4D Systems Pty Ltd

Part # SW2
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW2 Datasheet(HTML) 17 Page - 4D Systems Pty Ltd

Back Button SW2 Datasheet HTML 12Page - 4D Systems Pty Ltd SW2 Datasheet HTML 13Page - 4D Systems Pty Ltd SW2 Datasheet HTML 14Page - 4D Systems Pty Ltd SW2 Datasheet HTML 15Page - 4D Systems Pty Ltd SW2 Datasheet HTML 16Page - 4D Systems Pty Ltd SW2 Datasheet HTML 17Page - 4D Systems Pty Ltd SW2 Datasheet HTML 18Page - 4D Systems Pty Ltd SW2 Datasheet HTML 19Page - 4D Systems Pty Ltd SW2 Datasheet HTML 20Page - 4D Systems Pty Ltd  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 17 of 20
www.4dsystems.com.au
OPTICAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Luminance (L)
VCC = 5.0V
70
100
--
cd/m²
Viewing Angle (VA)
VCC = 5.0V
160
--
--
degree
Contrast Ratio (CR)
VCC = 5.0V
2000:1
5000:1
--
--
Operational Lifetime (LT)
50% checker board pattern.
90 cd/m². End of lifetime is 50%
initial intensity.
10000
15000
--
hours
Storage Lifetime (ST)
Ta = 25°C, 50% RH
20000
--
--
hours
ORDERING INFORMATION
Order Code: uOLED-160G2
Package: 65mm x 50mm x 30mm
Packaging: Module sealed in antistatic foam padded 4D Systems Box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com