Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL0806P Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # APL0806P
Description  Shielded Construction - DIP / APL Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APL0806P Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  APL0806P Datasheet HTML 1Page - List of Unclassifed Manufacturers APL0806P Datasheet HTML 2Page - List of Unclassifed Manufacturers APL0806P Datasheet HTML 3Page - List of Unclassifed Manufacturers APL0806P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1. Temperature Rise Current that will cause temperature rise approximate 40°C without core loss. (Ta=25±5℃)
2. Saturation Rated Current that will cause initial inductance value approximately 20% rolloff. (Ta=25±5℃)
※ Saturation Rated Current that will cause initial inductance value approximately 10% rolloff. (Ta=25±5℃)
Temperature Rise
Current
Max. ( mA )
Saturation
Current
Max. ( mA )
1.0 / 100K
30,000
0.87
40,000
36,000
Note:
System Number
Part Number
Inductance
(μH)
Test Condition
( Volt / Hz )
DCR (mΩ)
@25°C ± 8%
Part Number
Inductance
(μH)
Test Condition
( Volt / Hz )
1.0 / 100K
APL1108P-R47 _ -C
0.47
50,000
※
43,000
■ Electrical Characteristics / APL1008P
1.0 / 100K
0.30
0.65
45,000
43,000
WP54D0409-00
32,000
1.80
41,000
1.30
1.30
DCR (mΩ)
@25°C ± 8%
Temperature Rise
Current
Max. ( mA )
Saturation
Current
Max. ( mA )
System Number
1.0 / 100K
0.80
■ Electrical Characteristics / APL1108P-C
WP54D0601-00
50,000
0.80
Shielded Construction - DIP / APL Series
41,000
50,000
WP54D0603-00
APL1108P-R80 _ -C
0.80
1.0 / 100K
WP54D0602-00
APL1108P-R60 _ -C
0.60
WP54D0304-00
45,000
33,000
45,000
0.80
WP54D0303-00
APL1008P-R80 __
WP54D0302-00
APL1008P-R60 __
0.60
0.87
Test Condition
( Volt / Hz )
20,000
25,000
Saturation
Current
Max. ( mA )
■ Electrical Characteristics / APL11T08PM
Inductance
(μH)
System Number
Part Number
3.30
1.0 / 100K
25,000
27,000
WP54D0613-00
APL1108P-3R3 _ -C
WP54D0612-00
1.0 / 100K
APL1108P-2R0 _ -C
2.00
APL1108P-1R5 _ -C
1.50
APL1108P-1R0 _ -C
1.00
1.0 / 100K
WP54D0611-00
WP54D0604-00
1.0 / 100K
35,000
0.25
1.0 / 100K
0.65
6.30
30,000
Temperature Rise
Current
Max. ( mA )
14,000
3.30
DCR (mΩ)
@25°C ± 8%
APL11T08PM-R25 __
0.47
WP54D0410-00
APL11T08PM-R30 __
WP54D0301-00
45,000
※
1.30
APL1008P-R47 __
30,000
1.0 / 100K
1.30
45,000
1.0 / 100K
1.00
APL1008P-1R0 __
1.0 / 100K
36,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com