Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1310P1-R80M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APL1310P1-R80M
Description  Shielded Construction - DIP / APL Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APL1310P1-R80M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APL1310P1-R80M Datasheet HTML 1Page - List of Unclassifed Manufacturers APL1310P1-R80M Datasheet HTML 2Page - List of Unclassifed Manufacturers APL1310P1-R80M Datasheet HTML 3Page - List of Unclassifed Manufacturers APL1310P1-R80M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1. Temperature Rise Current that will cause temperature rise approximate 40°C without core loss. (Ta=25±5℃)
2. Saturation Rated Current that will cause initial inductance value approximately 20% rolloff. (Ta=25±5℃)
※ Saturation Rated Current that will cause initial inductance value approximately 10% rolloff. (Ta=25±5℃)
System Number
Part Number
Inductance
(μH)
1.0 / 100K
1.85
Inductance
(μH)
Part Number
Test Condition
( Volt / Hz )
DCR (mΩ)
@25°C ± 8%
Note:
30,000
31,000
50,000
※
25,000
26,000
38,000
20,000
6.30
14,000
31,000
WP54D0501-00
0.47
1.0 / 100K
APL1108P-R47 __
System Number
Temperature Rise
Current
Max. ( mA )
Saturation
Current
Max. ( mA )
DCR (mΩ)
@25°C ± 8%
Test Condition
( Volt / Hz )
1.15
32,000
20,000
WP54D0813-00
APL1310P-3R3 __
3.30
1.0 / 100K
4.30
WP54D0814-00
APL1310P-2R4 __
0.60
1.0 / 100K
1.00
1.0 / 100K
0.80
1.0 / 100K
WP54D0702-00
APL1310P1-R60 __
WP54D0804-00
APL1310P-1R0 __
WP54D0703-00
APL1310P1-R80 __
40,000
50,000
※
50,000
※
APL1310P1-R47 __
0.47
1.0 / 100K
0.75
2.40
1.0 / 100K
3.30
1.0 / 100K
1.0 / 100K
1.0 / 100K
1.00
1.0 / 100K
1.50
0.75
40,000
APL1108P-2R0 __
2.00
1.0 / 100K
3.30
0.60
1.0 / 100K
0.80
17,000
0.75
Shielded Construction - DIP / APL Series
22,000
39,000
1.80
35,000
1.30
1.30
25,000
WP54D0513-00
APL1108P-3R3 __
WP54D0512-00
0.80
50,000
3.00
25,000
38,000
Temperature Rise
Current
Max. ( mA )
Saturation
Current
Max. ( mA )
42,000
26,000
42,000
※
50,000
45,000
21,000
WP54D0503-00
APL1108P-R80 __
WP54D0511-00
APL1108P-1R5 __
WP54D0504-00
APL1108P-1R0 __
WP54D0812-00
APL1310P-2R0 __
2.00
APL1108P-R60 __
■ Electrical Characteristics / APL1108P
1.0 / 100K
3.00
35,000
WP54D0502-00
0.80
WP54D0811-00
APL1310P-1R5 __
1.50
WP54D0701-00
■ Electrical Characteristics / APL1310P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com