Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP9451-R3A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EP9451-R3A
Description  Pressure Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EP9451-R3A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EP9451-R3A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image

圧力センサ/Pressure Sensors
5
■ 圧力センサ Pressure Sensors
特長 
・絶対圧測定
・デジタルトリミングによる高精度保証
・広範囲な圧力範囲に対応、フルスケール 100kPa ∼ 300kPa
・センサチップに過電圧保護回路、電磁波遮断回路、サージ
保護回路を備えており、特にサージに関しては、世界的な
国際基準である ISO7637-level 4 をクリア
・Vcc、Vout、GND 端子間で短絡した場合のダイアグ自己
検出機能搭載 
・EPROM の冗長性による高信頼性を確保
)HDWXUHV
‡ $EVROXWHSUHVVXUHPHDVXUHPHQW
‡ +LJKDFFXUDF\ZLWKGLJLWDOWULPPLQJ
‡ :LGHSUHVVXUHUDQJHIXOOVFDOHRIN3DWRN3D
‡ 3URYLGHGZLWKRYHUYROWDJHSURWHFWLRQFLUFXLW(0&ILOWHUDQG
VXUJHSURWHFWLYHGHYLFHLQWKHVHQVRUFKLS
‡6XUJHSURWHFWLRQFRQIRUPVWR,62OHYHOIRUDXWRPDWLF
FRPSRQHQWV
‡ 'LDJQRVWLFVHOIGHWHFWLQJIXQFWLRQLQWKHHYHQWRIDZLUH
RSHQHGDPRQJ9FF9RXWDQG*1'WHUPLQDOV
‡ +LJKUHOLDELOLW\HQVXUHGE\(3520ELWUHGXQGDQF\
外形寸法 'LPHQVLRQVPP
'LUHFWPRXQWLQJW\SH
主な製品 3URGXFWV
'LUHFWPRXQWLQJW\SH
型   式
最大印加圧力
許容電圧
使用温度
使用圧力
使用電圧
出力電圧範囲
絶対圧・
パッケージ
'HYLFHW\SH
0D[DSSOLHG
$OORZDEOH
2SHUDWLQJ
2SHUDWLQJ
2SHUDWLQJ
2XWSXW
相対圧
3DFNDJH
YROWDJH
YROWDJH
WHPSHUDWXUH
SUHVVXUH
YROWDJH
9ROWDJHUDQJH
N3DDEV
9
℃
N3DDEV
9
9
(35$


WR
WR
“
WR
絶対圧
外装
(35$


WR
WR
“
WR
絶対圧
外装


Similar Part No. - EP9451-R3A

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9450-1 PCA-EP9450-1 Datasheet
19Kb / 1P
16 Pin DIL 3 Bit Programmable ECL Delay Lines
EP9450-10 PCA-EP9450-10 Datasheet
19Kb / 1P
16 Pin DIL 3 Bit Programmable ECL Delay Lines
EP9450-15 PCA-EP9450-15 Datasheet
19Kb / 1P
16 Pin DIL 3 Bit Programmable ECL Delay Lines
EP9450-2 PCA-EP9450-2 Datasheet
19Kb / 1P
16 Pin DIL 3 Bit Programmable ECL Delay Lines
EP9450-20 PCA-EP9450-20 Datasheet
19Kb / 1P
16 Pin DIL 3 Bit Programmable ECL Delay Lines
More results

Similar Description - EP9451-R3A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
B58620T0510A001 EPCOS-B58620T0510A001 Datasheet
130Kb / 8P
Pressure sensors
logo
SICK AG
PBT-RB250SG1SEFALA0Z SICK-PBT-RB250SG1SEFALA0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-RB400AN1SE0AMA0Z SICK-PBT-RB400AN1SE0AMA0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
PBT-RB1X0SG1SSNVLC0Z SICK-PBT-RB1X0SG1SSNVLC0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
PBT-RB1X0SGTSSNVLC0Z SICK-PBT-RB1X0SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
PBT-RB010SGTSSNVLC0Z SICK-PBT-RB010SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com