Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDA20N120AS Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDA20N120AS
Description  High Voltage IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDA20N120AS Datasheet(HTML) 2 Page - IXYS Corporation

  IXDA20N120AS Datasheet HTML 1Page - IXYS Corporation IXDA20N120AS Datasheet HTML 2Page - IXYS Corporation IXDA20N120AS Datasheet HTML 3Page - IXYS Corporation IXDA20N120AS Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2000 IXYS All rights reserved
2 - 4
IXDA 20N120 AS
Symbol
Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
C
ies
1000
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
150
pF
C
res
70
pF
Q
g
I
C = 20 A, VGE = 15 V, VCE = 0.5 VCES
70
nC
t
d(on)
60
ns
t
r
60
ns
t
d(off)
400
ns
t
f
50
ns
E
on
3.5
mJ
E
off
2.1
mJ
R
thJC
0.63 K/W
Inductive load, T
J = 125°C
I
C = 20 A, VGE = ±15 V,
V
CE = 600 V, RG = 68 W
1. Gate
2. Collector
3. Emitter
4. Collector
Botton Side
TO-263 AB
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.315
.350
E
9.65
10.29
.380
.405
E1
6.22
8.13
.245
.320
e
2.54 BSC
.100 BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.20
0
.008
R
0.46
0.74
.018
.029



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com