Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH65 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PTH65
Description  65 Watts Single, Dual & Triple Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PTH65 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PTH65 Datasheet HTML 1Page - List of Unclassifed Manufacturers PTH65 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Range
Input Current
Inrush Current
Input Protection
Input Specifications:
Efficiency
Hold-up Time
Leakage Current
V1 = 3% | V2 & V3 = 10% max
±2%
Set-Point Accuracy
± 1% pk-pk max (20MHz)
Ripple / Noise
Output Specifications:
Regulation
See Output Table
Minimum Load
Fixed at Factory
Adjustment Range
+/- 5% Deviation / < 1msec recovery
Transient Response
Continuous
Short Circuit Protection
125-150%, automatic recovery
Over Load Protection
0 ~50°C (De-Rate 2.5%/1°C Rise To +70°C)
Operating Temp
-20 ~ +85°C
Storage Temp
5 to 95% RH Non-Condensing
Environmental Specifications:
Humidity
3 Axes 1 Oct/min, 5 min at 4 Res. 0.75G Pk, 5-500Hz
Vibration
>100k hours MTBF (Full Load and 25°C Operation)
Reliability
20G Peak Acceleration
Shock
0.05% per degrees celsius
Temp Co-Efficient
Radiated Susceptibility
EN61000-4-2, ±4KV Contact / ±8KV Air Discharge
Electrostatic Discharge
EN61000-4-3, 26-1000MHz, 10V/M, 80% AM
EN61000-4-4, ± 2KV
EFT / Bursts
Electromagnetic Compatibility:
EN61000-4-5, ±2KV Line-Earth, ±1KV Line-Line
Surges
EN61000-4-6, 0.15 - 800MHz, 10V, 80% AM
Conducted Immunity
EN61000-4-11, 95% Dip & 10ms, 30% Dip & 500ms
Voltage Dips
EN61000-4-11, 95% Reduction, 5s
Voltage Interruptions
FCC 68 part 15 Class B
Radiated Emissions
FCC 68 part 15 Class B
Conducted Emissions
EN61000-3-2 Class D
Harmonic Current
EN61000-3-3
Fluctuations & Flicker
* Small 5.00 x 3.00 x 1.34" Open Frame Package
* Convection Cooled Operation
* Universal AC Input (47-63 Hz)
* 100,000 hours MTBF (25°C Full Load Operation)
* Class B Emissions
* Optional -40C Operating Temperature
* International Safety Approvals & CE Mark
* 3 Year Warranty
Emissions Standards
Universal VAC (90-264 VAC) & 120-370 VDC
1700mA @ 90 VAC / 750mA @ 200 VAC Maximum
25A @ 115VAC / 50A @ 230VAC max (cold start)
Single Fused (4 Amp / 250 V)
65% Typical (depending on output model)
Half Cycle Minimum @ 120 VAC and 80% load
<750μA maximum @ 264 VAC
Harmonics
EN61000-3-2 Class D
Features:
Input Frequency
47-63 Hz or DC
65 Watts
Single, Dual & Triple Output Switching Power Supply
PTH65 Series
Within Class B Limits
FCC Part 15J, Part 2
Within Class B Limits
International Safety Approvals
UL1950 (2nd Edition), File # E158470
CSA 22.2 No. 950
TUV EN60950
CE Mark (LVD)
Standards
Input Reflected Ripple
FCC 68 part 15 Class B
EN55022 / CISPR22
Convection Cooled Operation
Cooling
PowDec Technologies (USA) Inc.
7013 Realm Drive, Suite E
San Jose, CA 95119 U.S.A.
Tel: (408) 362-9388
E-mail: tedkang@powdec.com
http://www.powdec.com
PowDec Technologies (Taiwan) Inc.
No. 9, Alley 9, Lane 392, Fu Teh
1st Road Hsi Chih, Taipei Hsien, Taiwan, 22150
Tel:(02)2694-2760
Fax:(02)2694-2753
E-mail:powdec@ms3.hinet.net
http://www.powdec.com.tw
Technologies, Inc.
120-150%, latched shutdown
Over Voltage Protection


Similar Part No. - PTH65

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTH632 MURATA-PTH632 Datasheet
45Kb / 1P
PTC THERMISTOR FOR DEGAUSSING
PTH632D01 MURATA-PTH632D01 Datasheet
45Kb / 1P
PTC THERMISTOR FOR DEGAUSSING
PTH632D01BF5R0M140 MURATA-PTH632D01BF5R0M140 Datasheet
45Kb / 1P
PTC THERMISTOR FOR DEGAUSSING
PTH632D01BF7R0M140 MURATA-PTH632D01BF7R0M140 Datasheet
45Kb / 1P
PTC THERMISTOR FOR DEGAUSSING
More results

Similar Description - PTH65

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT-50 ASTRODYNE-RT-50 Datasheet
484Kb / 2P
50W Triple Output Switching Power Supply
RT-65 ASTRODYNE-RT-65 Datasheet
517Kb / 2P
65W Triple Output Switching Power Supply
logo
Wall Industries,Inc.
PSMPD65 WALL-PSMPD65 Datasheet
166Kb / 3P
Dual Output Up to 65 Watts AC/DC Medical Power Supply
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
Single Output Up to 65 Watts AC/DC Medical Power Supply
PSMPT65 WALL-PSMPT65 Datasheet
176Kb / 3P
Triple Output Up to 65 Watts AC/DC Medical Power Supply
PSPD65 WALL-PSPD65 Datasheet
182Kb / 3P
Dual Output Up to 65 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
Single Output Up to 65 Watts AC/DC Power Supply
logo
Mean Well Enterprises C...
NET-35 MEANWELL-NET-35 Datasheet
403Kb / 2P
35W Triple Output Switching Power Supply
logo
Phihong USA Inc.
PSA-45U-201 PHIHONG-PSA-45U-201 Datasheet
142Kb / 2P
Dual and Triple Output Adapter Switching Power Supply
logo
ETA-USA
OCH40T ETA-USA-OCH40T Datasheet
530Kb / 6P
DC/DC SWITCHING POWER SUPPLY TRIPLE CHANNEL OUTPUT 40 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com