Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-SERIES Datasheet(PDF) 21 Page - Amphenol Corporation

Part # PT-SERIES
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT-SERIES Datasheet(HTML) 21 Page - Amphenol Corporation

Back Button PT-SERIES Datasheet HTML 17Page - Amphenol Corporation PT-SERIES Datasheet HTML 18Page - Amphenol Corporation PT-SERIES Datasheet HTML 19Page - Amphenol Corporation PT-SERIES Datasheet HTML 20Page - Amphenol Corporation PT-SERIES Datasheet HTML 21Page - Amphenol Corporation PT-SERIES Datasheet HTML 22Page - Amphenol Corporation PT-SERIES Datasheet HTML 23Page - Amphenol Corporation PT-SERIES Datasheet HTML 24Page - Amphenol Corporation PT-SERIES Datasheet HTML 25Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
19
PT Connectors with
Printed Circuit Board Contacts
Shell
Size
Part Number*
PT02 with PCB
Contacts
Receptacle Front View
Receptacle Side View
R
(TP)
S
+.011
-.010
A
+.001
-.005
K
+.021
-.010
L
Max.
M
+.031
-.000
N
Dia.
Max.
Z
+.040
-.050
6
71-570120-XXX
.469
.688
.348
.493
.825
.431
.323
.380
8
71-570121-XXX
.594
.812
.473
.493
.825
.431
.449
.380
10
71-570122-XXX
.719
.938
.590
.493
.825
.431
.573
.380
12
71-570123-XXX
.812
1.031
.750
.493
.825
.431
.699
.380
14
71-570124-XXX
.906
1.125
.875
.493
.825
.431
.823
.380
16
71-570125-XXX
.969
1.219
1.000
.493
.825
.431
.949
.380
18
71-570126-XXX
1.062
1.312
1.125
.493
.825
.431
1.073
.380
20
71-570127-XXX
1.156
1.438
1.250
.650
1.076
.556
1.199
.286
22
71-570128-XXX
1.250
1.562
1.375
.650
1.076
.556
1.323
.286
24
71-570129-XXX
1.375
1.688
1.500
.683
1.109
.589
1.449
.253
Box Mounting Receptacle (PT02)
with PCB Contacts
Order by applicable part number in chart below;
add insert arrangement number. Refer to insert availability
on pages 4-10.
■ (MMC) located within .0025 of (TP)
All dimensions for reference only.
Shell
Size
Part Number*
PT07 with PCB
Contacts
Receptacle Front View
Receptacle Side View
H
+.017
-.016
S
±.010
A Dia.
+.001
-.005
J Flat
+.000
-.010
K
+.011
-.010
M
±.010
P Panel
Thickness
R
Thread
Class 2A
Z
+.025
-.035
Min.
Max.
6
71-533720-XXX
.625
.812
.348
.405
.125
.696
.062
.125
.4375-28 UNEF
.376
8
71-533721-XXX
.750
.938
.473
.530
.125
.696
.062
.125
.5625-24 UNEF
.376
10
71-533722-XXX
.875
1.062
.590
.655
.125
.696
.062
.125
.6875-24 UNEF
.376
12
71-533723-XXX
1.062
1.250
.750
.818
.125
.696
.062
.125
.8750-20 UNEF
.376
14
71-533724-XXX
1.188
1.375
.875
.942
.125
.696
.062
.125
1.0000-20 UNEF
.376
16
71-533725-XXX
1.312
1.500
1.000
1.066
.125
.696
.062
.125
1.1250-18 UNEF
.376
18
71-533726-XXX
1.438
1.625
1.125
1.191
.125
.696
.062
.125
1.2500-18 UNEF
.376
20
71-533727-XXX
1.562
1.812
1.250
1.316
.156
.884
.062
.250
1.3750-18 UNEF
.367
22
71-533728-XXX
1.688
1.938
1.375
1.441
.156
.884
.062
.250
1.5000-18 UNEF
.367
24
71-533729-XXX
1.816
2.062
1.500
1.556
.156
.917
.062
.250
1.6250-18 UNEF
.334
Jam Nut Receptacle (PT07)
with PCB Contacts
All lockwire holes are .044 Dia. Min.
Order by applicable part number in chart below;
add insert arrangement number. Refer to insert availability
on pages 4-10.
* For RoHS compliance connectors with PCB contacts change “71”- to:
“FL” designates conductive gray zinc nickel plating
“93” designates black zinc cobalt plating
All dimensions for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com