Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3V3 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P3V3
Description  FRDM-KL46Z User’s Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P3V3 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P3V3 Datasheet HTML 4Page - NXP Semiconductors P3V3 Datasheet HTML 5Page - NXP Semiconductors P3V3 Datasheet HTML 6Page - NXP Semiconductors P3V3 Datasheet HTML 7Page - NXP Semiconductors P3V3 Datasheet HTML 8Page - NXP Semiconductors P3V3 Datasheet HTML 9Page - NXP Semiconductors P3V3 Datasheet HTML 10Page - NXP Semiconductors P3V3 Datasheet HTML 11Page - NXP Semiconductors P3V3 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Freescale Semiconductor, Inc
FRDM-KL46Z
Page 8 of 17
Table 3. FRDM-KL46Z Power Supplies
Power Supply Name
Description
P5-9V_VIN
Power supplied from the VIN pin of the I/O headers (J9 pin 16). A
Schottky diode provides back drive protection.
P5V_SDA
Power supplied from the OpenSDA USB connector A Schottky
diode provides back drive protection.
P5V_KL46Z
Power supplied from the KL46Z USB connector A Schottky diode
provides back drive protection.
P3V3_VREG
Regulated 3.3V supply. Sources power to the P3V3 supply rail
through a back drive protection Schottky diode. 1
P3V3_BATT
Coin cell battery supply voltage. Sources power to the P3V3
supply rail through a back drive protection Schottky diode.
P3V3
Main supply rail for FRDM-KL46Z assembly. May be sourced from
P3V3_VREG, P3V3_BATT, or directly from the I/O headers (J9 pin
8)
P3V3_KL46Z
KL46Z MCU supply. Header J17 provides a convenient means for
energy consumption measurements. 2
P3V3_SDA
OpenSDA circuit supply. Header J9 provides a convenient means
for energy consumption measurements. 2
P5V_USB
Nominal 5V supplied to the I/O headers (J3 pin 10). Sourced from
either the P5V_K20D50M or P5V_OSDA supply through a back
drive protection Schottky diode.
NOTES:
1) By default the linear regulator, U1, is a 3.3V output regulator. However, this is a common footprint that
would allow the user to modify the assembly to utilize an alternative device such as a 1.8V or 2.5V
regulator. The KL46 microcontroller has an operating range of 1.71V to 3.6V
2) J17 and J9 are not populated by default. The two pins of these headers are shorted together by a trace on
the bottom layer of the PCB. To measure the energy consumption of either the KL46 or the OpenSDA
MCU, the trace between these pins must first be cut. A current probe or a shunt resistor and voltage meter
can then be applied to measure the energy consumption on these rails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com