Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5V_USB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P5V_USB
Description  FRDM-KL46Z User’s Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5V_USB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P5V_USB Datasheet HTML 6Page - NXP Semiconductors P5V_USB Datasheet HTML 7Page - NXP Semiconductors P5V_USB Datasheet HTML 8Page - NXP Semiconductors P5V_USB Datasheet HTML 9Page - NXP Semiconductors P5V_USB Datasheet HTML 10Page - NXP Semiconductors P5V_USB Datasheet HTML 11Page - NXP Semiconductors P5V_USB Datasheet HTML 12Page - NXP Semiconductors P5V_USB Datasheet HTML 13Page - NXP Semiconductors P5V_USB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Freescale Semiconductor, Inc
FRDM-KL46Z
Page 10 of 17
Figure 5 SWD Debug Connector
Note that J11 is not-populated by default. A Samtec FTSH-105-02-F-D or compatible connector can be added to
the J11 through-hole connector. A mating cable, such as a Samtec FFSD IDC cable, can then be used to connect
from the OpenSDA of the FRDM-KL46Z to an off-board SWD connector.
Virtual Serial Port
A serial port connection is available between the OpenSDA MCU and pins PTA1 and PTA2 of the KL46. Several of
the default OpenSDA Applications provided by Freescale, including the MSD Flash Programmer and the P&E
Debug Application, provide a USB Communications Device Class (CDC) interface that bridges serial
communications between the USB host and this serial interface on the K20.
5.3 MKL46Z4 Microcontroller
The target microcontroller of the FRDM-KL46Z is the KL462Z256VLL4, a Kinetis L series device in an 100 LQFP
package. The KL46Z MCU features include:.
 32-bit ARM Cortex-M0+ core
o up to 48 MHz operation
o Single-cycle fast I/O access port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com