Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBTM Datasheet(PDF) 2 Page - Samtec, Inc

Part # EBTM
Description  HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

EBTM Datasheet(HTML) 2 Page - Samtec, Inc

  EBTM_V01 Datasheet HTML 1Page - Samtec, Inc EBTM_V01 Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EBTM
- NO.OFPAIRS
PER COLUMN
- COLUMNS- COLUMN
PITCH
- PLATING - ORIENTATION - 1 - GUIDANCE - KEYING
–4
= 4 Pairs
–6
= 6 Pairs
–06, –08,
–10, –12
(-12 column
only available
in -6 pairs)
–2.0
= (2.0 mm)
.0787"
–S
= 30 µ"
(0.76 µm)
Gold on
contact area,
Matte Tin on
tail
–VT
= Vertical
–RA
= Right-Angle
(Leave Blank for no
Guidance)
–L
= Left Guidance
–R
= Right Guidance
(Only available
with –L or –R
Guidance)
(Leave Blank for
no Keying)
–A thru –H
= Position of flat
on Key
(See Table)
EBTM-VT
Board Mates:
EBTF-RA
Cable Mates:
EBCF
NO. OF PAIRS
PER COLUMN
C
–4
(22.50) .886
–6
(29.70) 1.169
Notes:
Some lengths, styles and options are non-standard, non-returnable.
ExaMAX® is a registered trademark of AFCI.
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
(2.00 mm) .0787" PITCH • VERTICAL & RIGHT-ANGLE HEADERS
EBTM-RA
Board Mates:
EBTF-RA
Cable Mates:
EBCF
C
(6.70)
.264
(11.65)
.459
(24.90)
.980
(11.91)
.469
(2.00)
.0787
(2.60)
.102
(4.00)
.157
B (With Guidance)
A (Without Guidance)
(1.30)
.051
COLUMNS
A
B
–06
(11.90) .469
(18.35) .722
–08
(15.90) .626
(22.35) .880
–10
(19.90) .783
(26.35) 1.037
–12
(23.90) .941
(30.35) 1.195
KEYING (-VT)
–L / –R
–A
–B
–C –D
–E
–F
–G –H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
NO. OF
PAIRS
PER
COLUMN
C
D
E
–4
(22.50)
.886
(17.90)
.705
(23.30)
.917
–6
(29.70)
1.169
(25.10)
.988
(30.50)
1.201
COLUMNS
A
B
–06
(11.90) .469
(18.35) .722
–08
(15.90) .626
(22.35) .880
–10
(19.90) .783
(26.35) 1.037
–12
(23.90) .941
(30.35) 1.195
(2.20) .087
(1.28)
.050
(10.40)
.409
C
(6.70)
.264
(3.45)
.136
DIA
(7.10)
.280
(19.95)
.785
E
D
B (With Guidance)
A (Without Guidance)
samtec.com/ExaMAX
View complete specifications at:
samtec.com?EBTM
View complete specifications at:
samtec.com?EBTM-RA
KEYING (-RA)
–L / –R
–A
–B
–C –D
–E
–F
–G –H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
D
C
B
E
F
G
A
H
F-221



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com