Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF080 Datasheet(PDF) 1 Page - Global Connector Technology

Part # BF080
Description  2.00mm Pitch Socket Dual Row, Surface Mount, Low Profile, Dual Entry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

BF080 Datasheet(HTML) 1 Page - Global Connector Technology

  BF080 Datasheet HTML 1Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
No. of Contacts
04 to 70
BF080
Ordering Grid
XX
X
Specifications
Material
Insulator:
Standard: Polyamide , Nylon 6T, UL 94V-0
Option: Polyester, LCP, UL 94V-0
Contact: Copper Alloy
Plating
Contact: See Ordering Grid
Electrical
Current Rating: 2 AMP per pin
Insulation Resistance: 1000 MΩ min.
Contact Resistance: 20 mΩ max.
Dielectric Withstand Voltage: 500 V AC
Mechanical & Environmental
Operating Temperature: -40°C to +105°C
Soldering Process
Nylon 6T (Standard) -
IR Reflow: 260°C for 10 sec.
Manual Solder: 350°C for 3-5 sec
LCP (Option) -
IR Reflow: 260°C for 10 sec.
Manual Solder: 350°C for 3-5 sec
X
Locating Peg
0 = No Peg
1 = With Peg
X
Insulator Material
N = Nylon 6T (Standard)
L = LCP
X
Packing Options
C = Tape and Reel with Film (Standard)
B = Tape and Reel with Cap
D = Tube
E = Tube with Cap
F = Tube with Film
2.00
5.80
Ø0.80
0.45x0.15 pin
C ±0.20
2.00
0.90
2.00
Contact Plating
A = Gold Flash All Over (Standard)
B = Selective Gold Flash Contact Area/
Tin On Tail
C = Tin All Over
G = 10µ" Gold Contact Area/Tin On Tail
I = 30µ" Gold Contact Area/Tin On Tail
B±0.30
A±0.25
0.40 (ref.)
Number of
Contacts
Dimensions
AB
C
4
2.0
4.0
n/a
6
4.0
6.0
2.0
8
6.0
8.0
4.0
10
8.0
10.0
6.0
12
10.0
12.0
8.0
14
12.0
14.0
10.0
16
14.0
16.0
12.0
18
16.0
18.0
14.0
20
18.0
20.0
16.0
22
20.0
22.0
18.0
24
22.0
24.0
20.0
26
24.0
26.0
22.0
28
26.0
28.0
24.0
30
28.0
30.0
26.0
32
30.0
32.0
28.0
34
32.0
34.0
30.0
36
34.0
36.0
32.0
38
36.0
38.0
34.0
40
38.0
40.0
36.0
42
40.0
42.0
38.0
44
42.0
44.0
40.0
46
44.0
46.0
42.0
48
46.0
48.0
44.0
50
48.0
50.0
46.0
52
50.0
52.0
48.0
54
52.0
54.0
50.0
56
54.0
56.0
52.0
58
56.0
58.0
54.0
60
58.0
60.0
56.0
62
60.0
62.0
58.0
64
62.0
64.0
60.0
66
64.0
66.0
62.0
68
66.0
68.0
64.0
70
68.0
70.0
66.0
Recommended PCB Layout
Top Entry General Tolerance: ±0.05
Solder Area
Request Samples
and Quotation
Mates with (Subject to pin length)
BF030
BF045
BF050
BF055
BF060
BF135
BF140
BF145
0.15
2.00
0.90
Recommended PCB Layout
Bottom Entry
General Tolerance: ±0.05
Solder Area
1.00
1.00
Ø1.00
Ø1.00
Ø0.90
For bottom entry applications, stringent soldering
control & pin alignment are required as lead to pad
misalignment could cause incorrect mating.
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.30
X.X ± 0.20
X.XX ± 0.15
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
LYH
Sheet No.
1/1
BF080
2.00mm Pitch Socket
Dual Row, Surface Mount, Low Profile, Dual Entry
CC
BF080
E PCN
E2
By
Detail
Revision
Part Number
Drawing Date
31st October 2007
17/11/17
Date
X.° ± 5°
X.X° ± 3°
X.XX° ± 2°
X.XXX° ± 1°
Optional Pegs
www.gct.co


Similar Part No. - BF080

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
BF080 GCT-BF080 Datasheet
116Kb / 1P
2.0mm Pitch Pin Header Dual Row, Surface Mount
26th October 2007
More results

Similar Description - BF080

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
LSMBC-2-DV MAJOR-LEAGUE-LSMBC-2-DV Datasheet
75Kb / 1P
.079 cl Dual Row - Vertical - Dual Entry Low Profile - Surface Mount Box Contact
LSMSS-7-D MAJOR-LEAGUE-LSMSS-7-D Datasheet
76Kb / 2P
.039 cl Dual Row - Surface Mount Socket Strips - Low Profile - Top Entry
SMSS-7-D-06 MAJOR-LEAGUE-SMSS-7-D-06 Datasheet
223Kb / 1P
.039 cl Dual Row - Surface Mount Socket Strips - Top Entry
logo
Global Connector Techno...
BF100 GCT-BF100 Datasheet
124Kb / 1P
2.00mm Pitch Socket,Dual Row,Surface Mount, 4.3mm or 4.6mm Profile, Dual Entry
31st October 2007
BF121 GCT-BF121 Datasheet
90Kb / 1P
2.00mm Pitch Socket Dual Row, Surface Mount, Dual Entry
13th October 2020
logo
Wurth Elektronik GmbH &...
62130621821 WURTH-62130621821 Datasheet
402Kb / 7P
WR-PHD 2.00mm SMT Straight Dual Low Profile Bottom Entry Socket Header WR-PHD
002.002
62131021821 WURTH-62131021821 Datasheet
402Kb / 7P
WR-PHD 2.00mm SMT Straight Dual Low Profile Bottom Entry Socket Header WR-PHD
002.002
62131621821 WURTH-62131621821 Datasheet
396Kb / 7P
WR-PHD 2.00mm SMT Straight Dual Low Profile Bottom Entry Socket Header WR-PHD
002.002
62132021821 WURTH-62132021821 Datasheet
396Kb / 7P
WR-PHD 2.00mm SMT Straight Dual Low Profile Bottom Entry Socket Header WR-PHD
002.002
62132421821 WURTH-62132421821 Datasheet
398Kb / 7P
WR-PHD 2.00mm SMT Straight Dual Low Profile Bottom Entry Socket Header WR-PHD
002.002
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com