Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3405D Datasheet(PDF) 21 Page - Pico Technology Ltd.

Part # 3405D
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3405D Datasheet(HTML) 21 Page - Pico Technology Ltd.

Back Button 3405D Datasheet HTML 17Page - Pico Technology Ltd. 3405D Datasheet HTML 18Page - Pico Technology Ltd. 3405D Datasheet HTML 19Page - Pico Technology Ltd. 3405D Datasheet HTML 20Page - Pico Technology Ltd. 3405D Datasheet HTML 21Page - Pico Technology Ltd. 3405D Datasheet HTML 22Page - Pico Technology Ltd. 3405D Datasheet HTML 23Page - Pico Technology Ltd. 3405D Datasheet HTML 24Page - Pico Technology Ltd. 3405D Datasheet HTML 25Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
PicoScope
3203D and
3203D MSO
PicoScope
3403D and
3403D MSO
PicoScope
3204D and
3204D MSO
PicoScope
3404D and
3404D MSO
PicoScope
3205D and
3205D MSO
PicoScope
3405D and
3405D MSO
PicoScope
3206D and
3206D MSO
PicoScope
3406D and
3406D MSO
Function generator
Standard output signals
Sine, square, triangle, DC voltage, ramp up, ramp down, sinc, Gaussian, half-sine.
Pseudorandom output
signals
White noise, selectable amplitude and offset within output voltage range.
Pseudorandom binary sequence (PRBS), selectable high and low levels within output voltage range, selectable bit rate up to 1 Mb/s
Standard signal frequency
DC to 1 MHz
Sweep modes
Up, down, dual with selectable start/stop frequencies and increments
Triggering
Free-run, or from 1 to 1 billion counted waveform cycles or frequency sweeps. Triggered from scope trigger or manually.
Output frequency accuracy
As oscilloscope
Output frequency resolution
< 0.01 Hz
Output voltage range
±2 V
Output voltage adjustments
Signal amplitude and offset adjustable in approximately 1 mV steps within overall ±2 V range
Amplitude flatness
< 0.5 dB to 1 MHz, typical
DC accuracy
±1% of full scale
SFDR
> 60 dB, 10 kHz full scale sine wave, typical
Output resistance
600 Ω
Connector type
Front panel BNC (not MSO models)
Rear panel BNC (MSO models)
Overvoltage protection
±20 V
Arbitrary waveform generator
Update rate
20 MHz
Buffer size
32 kS
Resolution
12 bits (output step size approximately 1 mV)
Bandwidth
> 1 MHz
Rise time (10% to 90%)
< 120 ns
Additional AWG specifications, including sweep modes, triggering, frequency accuracy, frequency resolution, voltage range, DC accuracy, and other output characteristics, are as the function generator.
Probe compensation pin
Output impedance
600 Ω
Output frequency
1 kHz
Output level
2 V p-p, typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com