Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD4521 Datasheet(PDF) 3 Page - Nippon Pulse America, Inc.

Part # PCD4521
Description  Programmable Pulse Generators PCL/PCD Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

PCD4521 Datasheet(HTML) 3 Page - Nippon Pulse America, Inc.

  PCD4521 Datasheet HTML 1Page - Nippon Pulse America, Inc. PCD4521 Datasheet HTML 2Page - Nippon Pulse America, Inc. PCD4521 Datasheet HTML 3Page - Nippon Pulse America, Inc. PCD4521 Datasheet HTML 4Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Chip Number
PCL6045x
PCL6113
PCL6123
PCL6143
Specifications
Reference Clock
19.6608MHz
19.6608MHz
19.6608MHz
19.6608MHz
Max. Output Speed
6.5Mpps
9.8 Mpps at 19.6608MHz (15
Mpps at 30MHz)
9.8 Mpps at 19.6608MHz (15
Mpps at 30MHz)
9.8 Mpps at 19.6608MHz (15
Mpps at 30MHz)
Pulse Rate Resistors
FL, FH, FA (Correction Speed)
per each axis
FL, FH
FL, FH
FL, FH
Pulse Rate Resolution
1 ~ 65,535 (16-bit)
1 to 16,383 (14-bits)
1 to 16,383 (14-bits)
1 to 16,383 (14-bits)
Pulse Rate Multiplication
0.1x ~ 100x
0.1 to 600x
0.1 to 600x
0.1 to 600x
Accel/Decel Setting Range
1 ~ 65,535 (16-bit)
1 to 16,383 (14-bits)
1 to 16,383 (14-bits)
1 to 16,383 (14-bits)
Positioning Pulse Setting
Range
-134,217,728 ~ +134,217,727
(28-bit)
-134,217,728 ~ +134,217,727
(28-bits)
-134,217,728 ~ +134,217,727
(28-bits)
-134,217,728 ~ +134,217,727
(28-bits)
Ramping Down Pulse
Setting Range
0 ~16,777,215 (24-bit)
0 ~ 16,777,215 (24-bits)
0 ~ 16,777,215 (24-bits)
0 ~ 16,777,215 (24-bits)
Extra Provisions
Up/Down Counter
28-bit x 3
(per axis with 16-bit
deviation counter)
28-bit x 3
(per axis with 16-bit
deviation counter)
28-bit x 3
(per axis with 16-bit
deviation counter)
28-bit x 3
(per axis with 16-bit
deviation counter)
Comparator
28-bit x 5 (per axis)
28-bit x 2 (per axis)
28-bit x 2 (per axis)
28-bit x 2 (per axis)
Encoder Input
(up to 4x multiplication)
Yes
Yes
Yes
Yes
Multi-Pupose Input/
Output Pin(s)
8
CPU Interface
8-bit / 16-bit bus
8-bit / 16-bit bus
8-bit / 16-bit bus
8-bit / 16-bit bus
Additional Functions
S-Curve Accel/Decel Control
Yes
(S-curve / S-curve w/ Linear)
Yes
(S-curve / S-curve w/ Linear)
Yes
(S-curve / S-curve w/ Linear)
Yes
(S-curve / S-curve w/ Linear)
Prebuffers for Continuous
Positioning Control
Linear, S-Curve
Linear, S-Curve
Linear, S-Curve
Linear, S-Curve
Microsteps
Yes
Yes
Yes
Yes
Present Position Counter Reset
Yes
Yes
Yes
Yes
Origin Return with
Encoder Connected
Yes
Yes
Yes
Yes
Origin Search/Escape Function
1-Pulse Output
Idling Pulse(s) Output
Yes (0~7)
Repeat Function
Pulser Input
Yes
Out-of-Step Detector
Yes
Interpolation Function
Linear, Circulation
Yes
Linear
Linear
Number of Controllable
Axes per Chip
4
1
2
4
Exciting Signal Output
Applicable Motor
DC/AC Servomotor
Yes
Linear Motor
Yes
Direct Drive Motor
Yes
Number of Pins (Package)
176 (QFP)
80 (QFP)
128 (QFP)
176 (QFP)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com