Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB047SMPFSMPF10.0IN Datasheet(PDF) 1 Page - Times Microwave Systems.

Part # IB047SMPFSMPF10.0IN
Description  INSTABEND 047 CABLE ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMES [Times Microwave Systems.]
Direct Link  https://www.timesmicrowave.com/
Logo TIMES - Times Microwave Systems.

IB047SMPFSMPF10.0IN Datasheet(HTML) 1 Page - Times Microwave Systems.

  IB047SMPFSMPF10.0IN Datasheet HTML 1Page - Times Microwave Systems. IB047SMPFSMPF10.0IN Datasheet HTML 2Page - Times Microwave Systems.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE REVISION STATUS OF ALL SHEETS OF THIS DRAWING IS THE SAME AS SHEET 1
Unless otherwise spec-
ified, dimensions are in
INCH. Tolerances are
applicable when spec-
ified.
These drawings and
specifications contain
proprietary information
which is the property of
Times Microwave
Systems.
INSTABEND 047 CABLE ASSEMBLY
Size
A
CAGE CODE
68999
Drawing No.:
IE-00273-XX
Scale: NA
Rev. (A)
Sheet: 1 of 2
Approvals
Drawn
Checked
Approved
SVP
05/14/22
TIMES MICROWAVE SYSTEMS
www.timesmicrowave.com
REV
DESCRIPTION
DATE
BY
A
INITIAL RELEASE
05/14/22
SVP
Dwg. Number
Customer P/N
Smart P/N
Length(L)
in ‘INCH’
IE-00273-01
IB047SMPFSMPF4.0IN
4 +0.16/-0
IE-00273-02
-
IB047SMPFSMPF6.0IN
6 +0.24/-0
IE-00273-03
IB047SMPFSMPF8.0IN
8 +0.32/-0
IE-00273-04
IB047SMPFSMPF10.0IN
10 +0.40/-0
IE-00273-05
IB047SMPFSMPF12.0IN
12 +0.48/-0
1.0 Scope
This drawing documents the construction and performance of INSTABEND 047 cable assemblies
manufactured by Times Microwave systems.
2.0 Cable Information
2.1 Cable to be INSTABEND 047
2.2 Jacket color to be Blue
2.3 Jacket material to be FEP
2.4 Nominal cable impedance to be 50 ohms
2.5 Cable diameter to be 0.061inch [1.55mm] (Nominal).
3.0 Connector Information:
3.1 Forward Connector:
Type SMP (F) Connector (47432)
Connector Body
– Stainless Steel, Gold Plated
Center Contact
– Beryllium Copper, Gold Plated
3.2 After Connector:
Type SMP (F) Connector (47432)
Connector Body
– Stainless Steel, Gold Plated
Center Contact
– Beryllium Copper, Gold Plated


Similar Part No. - IB047SMPFSMPF10.0IN

ManufacturerPart #DatasheetDescription
logo
Times Microwave Systems...
IB047SMSM10.0IN TIMES-IB047SMSM10.0IN Datasheet
147Kb / 3P
INSTABEND 047 CABLE ASSEMBLY
Rev. A / 05/14/22
IB047SMSM12.0IN TIMES-IB047SMSM12.0IN Datasheet
147Kb / 3P
INSTABEND 047 CABLE ASSEMBLY
Rev. A / 05/14/22
IB047SMSM4.0IN TIMES-IB047SMSM4.0IN Datasheet
147Kb / 3P
INSTABEND 047 CABLE ASSEMBLY
Rev. A / 05/14/22
IB047SMSM6.0IN TIMES-IB047SMSM6.0IN Datasheet
147Kb / 3P
INSTABEND 047 CABLE ASSEMBLY
Rev. A / 05/14/22
IB047SMSM8.0IN TIMES-IB047SMSM8.0IN Datasheet
147Kb / 3P
INSTABEND 047 CABLE ASSEMBLY
Rev. A / 05/14/22
More results

Similar Description - IB047SMPFSMPF10.0IN

ManufacturerPart #DatasheetDescription
logo
Times Microwave Systems...
IE-00271-XX TIMES-IE-00271-XX Datasheet
135Kb / 2P
INSTABEND 047 CABLE ASSEMBLY
05/14/22
IE-00272-XX TIMES-IE-00272-XX Datasheet
136Kb / 2P
INSTABEND 047 CABLE ASSEMBLY
Rev. A / 05/14/22
IE-00274-XX TIMES-IE-00274-XX Datasheet
147Kb / 3P
INSTABEND 047 CABLE ASSEMBLY
Rev. A / 05/14/22
IE-00144-XX TIMES-IE-00144-XX Datasheet
249Kb / 2P
INSTABEND 086 CABLE ASSEMBLY
Rev. A
IE-00145-XX TIMES-IE-00145-XX Datasheet
254Kb / 2P
INSTABEND 086 CABLE ASSEMBLY
Rev. A
IE-00146-XX TIMES-IE-00146-XX Datasheet
253Kb / 2P
INSTABEND 086 CABLE ASSEMBLY
Rev. A
IE-00412-XX TIMES-IE-00412-XX Datasheet
150Kb / 3P
INSTABEND 086 CABLE ASSEMBLY (Space Assemblies)
Rev. A
IE-00413-XX TIMES-IE-00413-XX Datasheet
149Kb / 3P
INSTABEND 086 CABLE ASSEMBLY (Space Assemblies)
Rev. A
IE-00414-XX TIMES-IE-00414-XX Datasheet
134Kb / 2P
INSTABEND 047 CABLE ASSEMBLY (Space Assemblies)
Rev. A
IE-00415-XX TIMES-IE-00415-XX Datasheet
137Kb / 2P
INSTABEND 047 CABLE ASSEMBLY (Space Assemblies)
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com