Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA131 Datasheet(PDF) 6 Page - Pico Technology Ltd.

Part # TA131
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA131 Datasheet(HTML) 6 Page - Pico Technology Ltd.

Back Button TA131 Datasheet HTML 2Page - Pico Technology Ltd. TA131 Datasheet HTML 3Page - Pico Technology Ltd. TA131 Datasheet HTML 4Page - Pico Technology Ltd. TA131 Datasheet HTML 5Page - Pico Technology Ltd. TA131 Datasheet HTML 6Page - Pico Technology Ltd. TA131 Datasheet HTML 7Page - Pico Technology Ltd. TA131 Datasheet HTML 8Page - Pico Technology Ltd. TA131 Datasheet HTML 9Page - Pico Technology Ltd. TA131 Datasheet HTML 10Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
PicoScope 3000 Series
The 16 digital inputs can be added to the view by dragging and dropping, and
can then be reordered, grouped, and renamed. The channels can be displayed
individually or in arbitrary groups labelled with binary, decimal or hexadecimal
values. A separate logic threshold from –5 V to +5 V can be defined for each 8-bit
input port. The digital trigger can be activated by any bit pattern combined with
an optional transition on any input.
Advanced logic triggers can be set on either the analog or the digital input
channels, or both.
Mixed-signal oscilloscopes
The PicoScope 3000 Series MSO (Mixed-Signal Oscilloscope)
models include 16 digital inputs alongside the standard 2 or 4
analog channels, enabling you to view your digital and analog
signals simultaneously.
To view the digital signals in the PicoScope 6
software, simply click the digital channels button.
Analog
Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com