Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F688 Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F688
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688 Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F688 Datasheet HTML 40Page - Microchip Technology PIC16F688 Datasheet HTML 41Page - Microchip Technology PIC16F688 Datasheet HTML 42Page - Microchip Technology PIC16F688 Datasheet HTML 43Page - Microchip Technology PIC16F688 Datasheet HTML 44Page - Microchip Technology PIC16F688 Datasheet HTML 45Page - Microchip Technology PIC16F688 Datasheet HTML 46Page - Microchip Technology PIC16F688 Datasheet HTML 47Page - Microchip Technology PIC16F688 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
Optional Debug Headers
DS51292T-page 44
 2006-2012 Microchip Technology Inc.
AC162078
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify this debug header, use the following information.
Header Setup and Operation
This debug header can be used with the following targets:
1.
Customer target board for PIC18F1230/1330 devices. The target board should
have an 18-pin DIP socket to connect to the 18-pin DIP socket on the debug
header.
2.
PICDEM MC motor control demo board. Use the 28-pin DIP socket on both
boards to mount the debug header on to the PICDEM MC board.
3.
PICDEM MC LV motor control demo board. Use the 28-pin DIP socket on both
boards to mount the debug header on to the PICDEM MC LV board.
The following sections detail the configuration of the jumpers on the debug header for
use with the above mentioned boards.
CUSTOMER TARGET BOARD
The default configuration is to remove all jumpers.
S1 is not populated and should not be used.
After the debug header is set up, do the following:
1.
Connect the header to the target board.
2.
Power the target board. You should see the red LED on the debug header turn
on.
3.
Connect the debug tool to the debug header.
4.
Use MPLAB IDE and the debug tool to develop your application.
PICDEM MC/MC LV MOTOR CONTROL DEMO BOARDS
To run a BLDC motor on the PICDEM MC board or PICDEM MC LV board using the
supplied firmware, use the following jumper setup:
S1 is not populated and should not be used.
Header
ICE/ICD Device
Board Assembly Number
AC162078
PIC18F1330-ICD
02-01896
Jumper
Jumper Setting
Jumper
Jumper Setting
J1
2-3
JP1
Open
J2
2-3
J3
2-3
JP2
Open
J5
2-3
J6
1-2
JP3
Open
J7
1-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com