Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC0J152S Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # EEUFC0J152S
Description  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC0J152S Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button EEUFC0J152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 10Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 11Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 12Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 13Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
Endurance : 105 ℃ 1000 h / ø4 to ø6.3, 105 ℃ 2000 h / ø8, 105 ℃ 3000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
  Lead wire pitch ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
FC-A series
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(mm)
Specification
øD
Characteristics list
Lead length (mm)
Part No.
Min. Packaging
Q'ty (PCS)
Lead space
Straight
leads
Taping
Taping
✽H
Straight Taping
✽B
L
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
917
25.0
0.120 5000 0.8
8.0
15.0
0.6
3.5
5.0
340 0.450 2000
463 0.240 3000
0.6
5.0
12.5
15.0
20.0
20.0
8.0
10.0
16.0 15.0
0.8
12.5 20.0
0.6
12.5
10.0
8.0
10.0
10.0
0.6
0.6
5000
0.6
260 0.680 2000
11.5
0.6
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
12.5 35.0
0.8
7.5
7.5
100
250
1040 0.087 5000
5000 0.8
5.0
—
100
250
100
—
1130 0.072
6.3
11.2
0.5
2.5
0.5
2.0
5.0
5.0
11.0
114 1.800 1000
4.100 1000
5.0
5.0
5.0
5.0
3.5
5.0
200
500
2000
200 2000
200 1000
200 1000
200
500
200
200
500
306 0.530 3000
3000 0.6
400 0.360
455 0.330 2000
200 1000
200
500
5.0
5.0
5.0
5.0
5.0
5.0
500
100
—
3000
463 0.240 3000
698 0.150 3000
511 0.230 5000 0.6
5.0
5.0
5.0
5.0
0.6
5.0
599 0.210
200
500
995 0.110
937 0.098 5000
7.5
0.8
5.0
200
5.0
0.6
5.0
—
0.8
5.0
—
807 0.110 5000
5000
793 0.140
671 0.180
0.8
7.5
7.5
1170
5000
5000
20.0
18.0 25.0
7.5
0.8
1230 0.080
1420 0.070 5000
1520 0.062
5000
0.089 5000
16.0
16.0
16.0
25.0
30.0
20.0
31.5
12.5 40.0
16.0 25.0
18.0 15.0
12.5
10.0 20.0
18.0
12.5 30.0
10.0
200
500
100
250
200
500
100
250
100
—
50
—
100
—
50
—
50
—
100
—
100
250
100
—
100
250
100
—
—
7.5
—
7.5
7.5
5.0
7.5
EEUFC2A471
EEUFC2A561
—
—
—
—
EEUFC2A181( )
EEUFC2A221L
EEUFC2A221( )
EEUFC2A271L
EEUFC2A271S( )
EEUFC2A331
EEUFC2A331S( )
EEUFC2A391L
EEUFC2A391
—
—
—
—
—
—
—
80
7.5
7.5
7.5
7.5
7.5
0.8
0.8
0.8
0.8
0.8
7.5
0.8
0.8
7.5
5.0
7.5
0.6
1920 0.047 5000
18.0 35.5 1770 0.041 5000
16.0 35.5 1730 0.053 5000
18.0 31.5 1600 0.062 5000
18.0 40.0 2300 0.036 5000
EEUFC2A5R6( )
EEUFC2A120( )
EEUFC2A220( )
EEUFC2A330L( )
EEUFC2A330( )
EEUFC2A390L( )
EEUFC2A390( )
EEUFC2A470( )
EEUFC2A560( )
EEUFC2A680L( )
EEUFC2A680( )
EEUFC2A101L
EEUFC2A101( )
EEUFC2A121S( )
EEUFC2A151( )
EEUFC2A151S( )
EEUFC2A181L
16.0 40.0
EEUFC2A681
2.5
2.5
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
33
100
390
330
270
220
180
470
560
680
120
150
100
68
56
5.6
47
12
22
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com