Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3A412 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3A412
Description  0.4ohm, 3.3V, Quad SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A412 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3A412 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A412 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A412 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3A412 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3A412 Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
PS8834
05/22/06
PI3A412
0.4Ω, 3.3V, Quad SPDT Analog Switch
COMPANY CONFIDENTIAL
DESCRIPTION:
16-contact, Thin Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZL16
DOCUMENT CONTROL #: PD-2061
REVISION: -
�������
1) All dimensions are in millimeters, angles in degrees
2) Coplanarity applies to the exposed pad as well as the terminals
3) Ref JEDEC: MO-220
DATE: 4/28/06
06-0068



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com