Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3A412ZLE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3A412ZLE
Description  0.4ohm, 3.3V, Quad SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A412ZLE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3A412ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PS8834
05/22/06
PI3A412
0.4Ω, 3.3V, Quad SPDT Analog Switch
COMPANY CONFIDENTIAL
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress only rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of
this specification is not implied.
Absolute Maximum Ratings
Voltages Referenced to GND
VCC ...................................................................... 1.5V to +4.6V
VNOx, VNCx, VCOMx, VAx (1) .......................–0.5V to V+ +0.3V
or 30mA, whichever occurs first
Current (any terminal)................................................... ±200mA
Peak Current, VNC + VNO
(Pulsed at 1ms, 10% duty cycle)................................... ±400mA
Note 1: Signals on NC, NO, COM, or A exceeding VCC or GND are clamped by internal diodes. Limit forward diode current to 30mA.
Thermal Information
Continuous Power Dissipation
16-pin Thin QFN (derate 7.1mW/ºC above +70ºC)............ 0.5W
Storage Temperature ........................................–65ºC to +150ºC
Lead Temperature (soldering, 10s) ................................. +300ºC
Pin Description
Pin #
Name
Description
4, 8, 12, 16
COMX
Common Output / Data Port
1, 5, 9, 13
NCX
Data Port (normally connect)
3, 7, 11, 15
NOX
Data Port (normally open)
2, 10
A0, A1
Logic Input Control
6
GND
Ground
14
VCC
Positive Power Supply
Function Tables
A0
Function
A1
Function
0
NCX Connected to
COMX
0
NCY Connected to
COMY
1
NOX Connected to
COMX
1
NOY Connected to
COMY
Notes :
1.
X = 1, 2, 3, or 4
Notes :
1.
X = 1 or 2
2.
Y = 3 or 4
06-0068



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com