Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9213 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9213
Description  PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9213 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS9213 Datasheet HTML 2Page - California Eastern Labs PS9213 Datasheet HTML 3Page - California Eastern Labs PS9213 Datasheet HTML 4Page - California Eastern Labs PS9213 Datasheet HTML 5Page - California Eastern Labs PS9213 Datasheet HTML 6Page - California Eastern Labs PS9213 Datasheet HTML 7Page - California Eastern Labs PS9213 Datasheet HTML 8Page - California Eastern Labs PS9213 Datasheet HTML 9Page - California Eastern Labs PS9213 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PS9213
TYPICAL CHARACTERISTICS (TA = 25
°C unless otherwise specified)
20
40
60
80
100
0
10
20
30
40
20
40
60
80
100
0
50
100
150
–50
–25
0
0.1
0.2
0.3
0.4
0.5
25
0
50
75
100
0
1
2
3
4
5
VCC = 15 V,
VO = 0.8 V,
IO = 0.75 mA
–50
–25
0
25
50
75
100
0
400
200
600
1 000
800
1 200
VCC = 30 V,
VO = Open,
ICCH : VF = 0.8 V,
ICCL : IF = 10 mA
ICCL
ICCH
0.6
–50
–25
0
25
50
75
100
VCC = 15 V,
IF = 10 mA,
IO = 2.4 mA
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +85˚C
+50˚C
+25˚C
0˚C
–25˚C
Remark The graphs indicate nominal characteristics.
Data Sheet PN10535EJ02V0DS
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com