Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PQ Datasheet(PDF) 36 Page - ESS Technology,Inc

Part # ES9218PQ
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PQ Datasheet(HTML) 36 Page - ESS Technology,Inc

Back Button ES9218PQ Datasheet HTML 32Page - ESS Technology,Inc ES9218PQ Datasheet HTML 33Page - ESS Technology,Inc ES9218PQ Datasheet HTML 34Page - ESS Technology,Inc ES9218PQ Datasheet HTML 35Page - ESS Technology,Inc ES9218PQ Datasheet HTML 36Page - ESS Technology,Inc ES9218PQ Datasheet HTML 37Page - ESS Technology,Inc ES9218PQ Datasheet HTML 38Page - ESS Technology,Inc ES9218PQ Datasheet HTML 39Page - ESS Technology,Inc ES9218PQ Datasheet HTML 40Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
36
Device Register Map
Address (Hex)
Register
7
6
5
4
3
2
1
0
Read/Write
0x00
SYSTEM REGISTERS
OSC_DRV
CLK_GEAR
RESERVED
SOFT_RESET
0x01
INPUT SELECTION
SERIAL_LENGTH
SERIAL_MODE
AUTO_SELECT
INPUT_SELECT
0x02
MIXING & AUTOMUTE CONFIGURATION
AUTOMUTE_CONFIG
ANALOG_
AUTOMUTE
AUTOMUTE_
TIMER_FAST
CH2_MIX_SEL
CH1_MIX_SEL
0x03
ANALOG VOLUME CONTROL
RESERVED
ANALOG_VOLUME
0x04
AUTOMUTE _TIME
AUTOMUTE_TIME
0x05
AUTOMUTE _LEVEL
RESERVED
AUTOMUTE_LEVEL
0x06
DoP, & VOLUME RAMP RATE
RESERVED
DoP_ENABLE
VOLUME_RATE
0x07
FILTER BANDWIDTH & SYSTEM MUTE
FILTER_SHAPE
RESERVED
BYPASS
_OSF
RESERVED
MUTE
0x08
GPIO1-2 CONFIGURATION
GPIO2_CONFIG
GPIO1_CONFIG
0x0A
MASTER MODE & SYNC CONFIGURATION
MASTER_
_MODE
MASTER_DIV
128FS_
MODE
LOCK_SPEED
0x0B
OVERCURRENT PROTECTION
OC_SD_EN
OC_SD_GAIN
RESERVED
0x0C
ASRC/DPLL BANDWIDTH
DPLL_BW_SERIAL
DPLL_BW_DSD
0x0D
THD COMPENSATION BYPASS
RESERVED
BYPASS_
THD
RESERVED
MONO_
MODE
RESERVED
0x0E
SOFT START CONFIGURATION
RESERVED
SOFT_START_TIME
0x0F
VOLUME CONTROL
VOLUME1
0x10
VOLUME2
0x11
MASTER TRIM
MASTER_TRIM
0x12
0x13
0x14
0x15
GPIO INPUT SELECTION
GPIO_SEL2
GPIO_SEL1
RESERVED
0x16
THD COMPENSATION C2
THD_COMP_C2
0x17
0x18
THD COMPENSATION C3
THD_COMP_C3
0x19
0x1A
CHARGE PUMP SOFT START DELAY
CP_SS_DELAY
0x1B
GENERAL CONFIGURATION
ASRC_EN
RESERVED
CH1_
VOLUME
RESERVED
0x1D
GPIO INVERSION & AUTO CLOCK GEAR
INVERT_GPIO
RESERVED
AUTO_CLK_
GEAR
MAX_CLK_GEAR
0x1E
CHARGE PUMP CLOCK
CP_CLK_SEL
CP_CLK_EN
CP_CLK_DIV
0x1F
CP_CLK_DIV
0x20
AMPLIFIER CONFIGURATION
RESERVED
AMP_MODE_GPIO
RESERVED
AMP_MODE_DEFAULT
0x22
PROGRAMMABLE NCO
NCO_NUM
0x23
0x24
0x25
0x28
PROGRAMMABLE FIR RAM
ADDRESS
PROG_COEF_
STAGE
PROG_COEFF_ADDRESS
0x29
PROGRAMMABLE FIR RAM DATA
PROG_COEFF_DATA
0x2A
0x2B
0x2C
PROGRAMMABLE FIR CONFIGURATION
RESERVED
STAGE2_
EVEN
PROG_
COEFF_WE
PROG_
COEFF_EN
0x31
CLK_GEAR_MIN_THRESH
0x32
CLK_GEAR_MAX_THRES
CLK_GEAR_MAX_THRES
0x33
CLK_GEAR_MAX_THRESH
Read only
0x40
CHIP_ID
AUTOMUTE_
STATUS
LOCK_
STATUS
0x41
GPIO READBACK
RESERVED
CLK_GEAR_RB
GPIO2
GPIO1
0x42
DPLL NUMBER
DPLL_NUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com