Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L17DM53741 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # L17DM53741
Description  Hybrid D’Sub series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

L17DM53741 Datasheet(HTML) 4 Page - Amphenol Corporation

  L17DM53741 Datasheet HTML 1Page - Amphenol Corporation L17DM53741 Datasheet HTML 2Page - Amphenol Corporation L17DM53741 Datasheet HTML 3Page - Amphenol Corporation L17DM53741 Datasheet HTML 4Page - Amphenol Corporation L17DM53741 Datasheet HTML 5Page - Amphenol Corporation L17DM53741 Datasheet HTML 6Page - Amphenol Corporation L17DM53741 Datasheet HTML 7Page - Amphenol Corporation L17DM53741 Datasheet HTML 8Page - Amphenol Corporation L17DM53741 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Straight connector footprint
4
B
B
B
A
A
A
3
2
1
Straight contact combinations
Arrangement with signal contacts
See above dimensions
Size 8 and 20 Contacts
See above dimensions
Size 8 Contacts
Power 3.2 mm DIA. (.126”)
(20 to 40 A) and signal
Power only
3.2 mm DIA. (.126”)
(20 to 40 A)
Arrangement without signal contacts
3W3 - 5W5 - 8W8
P 3SY
P 3Y
Power only
2 mm DIA. (.0787”)
(10 to 20 A)
P 2Y
Shielded only
CY
Power 2 mm DIA. (.0787”)
(10 to 20 A) and signal
Shielded and signal
P 2SY
CSY
Signal only
Signal (Size 20)
with solder cup terminations
Housing preloaded with contacts
SY
No reference
Signal tail 0.6 mm Dia. (.0236”)
1.6 mm (.063”)PCB
For other PCB thickness: consult factory.
Description
Power (.126” tail dia.)
1
Power (.0787” tail dia.)
1
Shielded
3
Signal
2
a
4.80 mm
(.198”)
4.80 mm
(.198”)
4.00 mm
(.157”)
5.00 mm
(.196”)
b
7.2 mm
(.283”)
7.2 mm
(.283”)
7.2 mm
(.283”)
11.50 mm
(.453”)
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com