Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWY87C Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LWY87C
Description  Micro SIDELEDR Enhanced optical Power LED (ATONR)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY87C Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LWY87C Datasheet HTML 7Page - OSRAM GmbH LWY87C Datasheet HTML 8Page - OSRAM GmbH LWY87C Datasheet HTML 9Page - OSRAM GmbH LWY87C Datasheet HTML 10Page - OSRAM GmbH LWY87C Datasheet HTML 11Page - OSRAM GmbH LWY87C Datasheet HTML 12Page - OSRAM GmbH LWY87C Datasheet HTML 13Page - OSRAM GmbH LWY87C Datasheet HTML 14Page - OSRAM GmbH LWY87C Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LW Y87C
2003-03-04
13
Empfohlenes Lötpaddesign
IR Reflow Löten
Recommended Solder Pad
IR Reflow Soldering
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Gehäuse hält TTW-Löthitze aus / Package able to withstand TTW-soldering heat
Gurtung / Polarität und Lage
Verpackungseinheit 3000/Rolle, ø180 mm
oder 10000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation Packing unit 3000/reel, ø180 mm
or 10000/reel, ø330 mm
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
OHPY1315
0.8 (0.031)
Component location on pad
Bauteil positioniert
Padgeometrie für
CA
verbesserte Wärmeableitung
heat dissipation
Paddesign for improved
Lötstopplack
Solder resist
C
A
OHAY1515
1.5 (0.059)
4 (0.157)
2 (0.079)
A
C
0.9 (0.035)
1.25 (0.049)
0.3 (0.012) max.
1.4 (0.055)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com