Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33975 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33975
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33975 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33975
TYPICAL APPLICATIONS
OPERATIONAL MODES
Figure 14. MOSFET or LED Driver Output
The sequence of commands (from Normal mode with
inputs tri-state) required to set up the device to drive a
MOSFET are as follows:
• wetting current timer enable command –Disable SPn
wetting current timer (refer to Table 9, page 16).
• metallic command –Set SPn to 16/32 mA or 2.0/4.0 mA
gate drive current (refer to Table 8, page 15).
• settings command –Set SPn as switch-to-battery (refer
to Table 6, page 14).
• tri-state command –Disable tri-state for SPn (refer to
Table 10, page 16).
After the tri-state command has been sent (tri-state
disable), the MOSFET gate will be pulled to ground. From this
point forward the MOSFET may be turned on and off by
sending the settings command:
• settings command –SPn as switch-to-ground
(MOSFET ON).
• settings command –SPn as switch-to-battery
(MOSFET OFF).
Monitoring of the MOSFET drain in the OFF state provides
open load detection. This is done by using an input
comparator. With the SGn input in tri-state, the load will pull
up the input to battery. With the load open, the SGn terminal
is pulled down to ground through an external resistor. The
open load is indicated by a logic [1] in the SO data bit.
The analog command may be used to monitor the drain
voltage in the MOSFET ON state. By sourcing 4.0 mA of
current to the 750 Ω resistor, the analog voltage on the SGn
terminal will be approximately:
As the voltage on the drain of the MOSFET increases, so
does the voltage on the SGn terminal. With the SGn terminal
selected as analog, the MCU may perform the A/D
conversion.
Using this method for controlling unclamped inductive
loads is not recommended. Inductive fly-back voltages
greater than VPWR may damage the IC.
The SP0–SP7 terminals of this device may also be used
to send signals from one module to another. Operation is
similar to the gate control of a MOSFET.
For LED applications a resistor in series with the LED is
recommended but not required. The switch-to-ground inputs
are recommended for LED application. To drive the LED use
the following commands:
• wetting current timer enable command –Disable SGn
wetting current timer.
• metallic command –Set SGn to 32 mA.
From this point forward the LED may be turned on and off
using the tri-state command:
• tri-state command –Disable tri-state for SGn (LED ON).
• tri-state command –Enable tri-state for SGn (LED
OFF).
These parameters are easily programmed via SPI
commands in Normal mode.
Multiple 33975 Devices in a Module System
Connecting power to the 33975 and the MCU for Sleep
mode operation may be done in several ways. Table 21
shows several system configurations for power between the
MCU and the 33975 and their specific requirements for
functionality.
SP0
SG0
SG13
32
4.0
4.0 V Ref
+
-
Comparator
To SPI
VPWR
SG0
750 Ω
VBAT
AMUX
100 kΩ
mA
VPWR
+
-
Comparator
To SPI
4.0 V
Ref
4.0
2.0 mA
16
mA
32
mA
VPWR
VPWR
SG0
32
4.0
VPWR
mA
VPWR
+
Comparator
To SPI
4.0 V Ref
SG13
-
mA
mA
mA
Table 21. Sleep Mode Power Supply
MCU
VDD
33975
VDD
Comments
5.0 V
5.0 V
All wake-up conditions apply. (Refer to Sleep
Mode, page 20.)
5.0 V
0V
SPI wake-up is not possible.
0V
5.0 V
Sleep mode not possible. Current from CS pull
up will flow through MCU to VDD that has been
switched off. Negative edge of CS will put 33975
in Normal mode.
0V
0V
SPI wake-up is not possible.
VSGn = ISGn x 750Ω + VDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com