Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS20 Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # SFS20
Description  DC-DC Converters PCB Mount Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SFS20 Datasheet(HTML) 2 Page - COSEL CO., LTD.

  SFS20 Datasheet HTML 1Page - COSEL CO., LTD. SFS20 Datasheet HTML 2Page - COSEL CO., LTD. SFS20 Datasheet HTML 3Page - COSEL CO., LTD. SFS20 Datasheet HTML 4Page - COSEL CO., LTD. SFS20 Datasheet HTML 5Page - COSEL CO., LTD. SFS20 Datasheet HTML 6Page - COSEL CO., LTD. SFS20 Datasheet HTML 7Page - COSEL CO., LTD. SFS20 Datasheet HTML 8Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SFS/SFCS-3
External view
-Vout
Stopper
-Vout
+Vout
+Vout
+Vout
Stopper
NC
NC
-Vin
-Vin
+Vin
+Vin
Stopper
PO
RC
ALM
Lot No.
3.5
5 max
37.6±0.5
38.7
1.3±0.3
-Vout
NC
-Vout
+Vout
+Vout
+Vout
NC
NC
NC
-Vin
-Vin
+Vin
+Vin
NC
PO
RC
ALM
Lot No.
39.9±0.6
38.7
5max
[0.165]
[1.366]
[inch]
mm
0.1inch
34.7
4.2
[inch]
mm
0.1inch
14-
º0.9
[1.480]
37.6
Model
º10 min to a center
(adsorption area)
Coplanarity within 0.1
Terminal part details
¶Weight:12g max
¶Tolerance ±0.5 [±0.02]
¶Dimensions in mm,[ ]= inches
Model
Recommended size for processing PCB
(TOP VIEW)
Recommended size for processing PCB
(TOP VIEW)
¶Dimensions in:
¶Div.:
¶Dimensions in:
¶Div.:
Out line
1.SMD(Type:B)
2.DIP(Type:C)
Out line
PCB
[1.48]
[1.52]
[0.14]
[0.197]
[1.52]
[1.57]
[0.197]
[0.004]
[0.05]
SFS10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com