Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS30 Datasheet(PDF) 5 Page - COSEL CO., LTD.

Part # SFS30
Description  DC-DC Converters PCB Mount Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SFS30 Datasheet(HTML) 5 Page - COSEL CO., LTD.

  SFS30 Datasheet HTML 1Page - COSEL CO., LTD. SFS30 Datasheet HTML 2Page - COSEL CO., LTD. SFS30 Datasheet HTML 3Page - COSEL CO., LTD. SFS30 Datasheet HTML 4Page - COSEL CO., LTD. SFS30 Datasheet HTML 5Page - COSEL CO., LTD. SFS30 Datasheet HTML 6Page - COSEL CO., LTD. SFS30 Datasheet HTML 7Page - COSEL CO., LTD. SFS30 Datasheet HTML 8Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SFS/SFCS-6
MODEL
SFS20481R5
SFS20481R8
SFS20482R5
SFS20483R3
SFS204805
MAX OUTPUTWATTAGE[W]
13.5
14.4
17.5
19.8
20.0
DC OUTPUT
1.5V9A
1.8V 8A
2.5V 7A
3.3V6A5V4A
SPECIFICATIONS
MODEL
SFS20481R5
SFS20481R8
SFS20482R5
SFS20483R3
SFS204805
INPUT
VOLTAGE[V]
DC36- 76
CURRENT[A]
*1
0.33typ
0.35typ
0.41typ
0.46typ
0.46typ
EFFICIENCY[%]
*1
86typ
85typ
88typ
90typ
90typ
START-UP VOLTAGE[V]
DC32- 36
HYSTERESISVOLTAGE[V] DC2 min
OUTPUT
VOLTAGE[V]
1.5
1.8
2.5
3.3
5
CURRENT[A]
98764
VOLTAGE ACCURACY[%] +5, -3
RIPPLE[mVp-p]
50max
RIPPLE NOISE[mVp-p]
50max
START-UP TIME[ms]
20- 200max (DCIN 48V, Io=100%)
OUTPUTVOLTAGE SETTING *1 +2, -1% of rated outputvoltage
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Worksover 103%ofrating
OVERVOLTAGEPROTECTION Worksat 115- 145%ofrating
LOWVOLTAGE PROTECTION Worksat 95% maxofrating
REMOTEON/OFF
Provided(RC open: ON, short betweenRC and +Vin : OFF)
ISOLATION INPUT-OUTPUT
DC1,500V 1minute, DC500V 50MW min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.ANDALTITUDE -40 to +85C, 20- 95%RH (Non condensing), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.ANDALTITUDE -40 to +100C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max (SMD:Refer to the Instruction Manual)
VIBRATION
10- 55Hz, 49.0m/s2 (5G), 3minutes period, 60minutes each alongX, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once eachX, Yand Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL(CSA60950-1), EN60950-1
OTHERS
CASE SIZE/WEIGHT
38.7X5.0X27.2mm [1.52X0.197X1.07 inches] (WXHXD) /12gmax
COOLINGMETHOD
Convection/Forced air
*1 At rated input(DC48V), rated load and 25C
SFS20
DC-DC Converters PCB Mount Type
SF
S
20
48
3R3
B
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
48:DC36 - 76V
5Output voltage
6Mounting type
(Soldering prosess)
B :SMD(Pb-free solder)
C :DIP(Pb-free solder)
R
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com