Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS30243R3C Datasheet(PDF) 3 Page - COSEL CO., LTD.

Part # SFS30243R3C
Description  DC-DC Converters PCB Mount Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SFS30243R3C Datasheet(HTML) 3 Page - COSEL CO., LTD.

  SFS30243R3C Datasheet HTML 1Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 2Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 3Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 4Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 5Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 6Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 7Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 8Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SFS/SFCS-4
SFS15
DC-DC Converters PCB Mount Type
SF
S
15
48
3R3
B
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
24:DC18 - 36V
48:DC36 - 76V
5Output voltage
6Mounting type
(Soldering process)
B :SMD(Pb-free solder)
C :DIP(Pb-free solder)
R
1
2
3
4
5
6
MODEL
SFS15481R2
MAX OUTPUT WATTAGE[W]
6.24
DC OUTPUT
1.2V 5.2A
SPECIFICATIONS
MODEL
SFS15481R2
INPUT
VOLTAGE[V]
DC36 - 76
CURRENT[A]
*1
0.16typ
EFFICIENCY[%]
*1
82typ
START-UP VOLTAGE[V]
DC32 - 36
HYSTERESIS VOLTAGE[V] DC2 min
OUTPUT
VOLTAGE[V]
1.2
CURRENT[A]
5.2
SFS15481R5
7.8
1.5V 5.2A
SFS15481R5
0.2typ
83typ
1.5
5.2
SFS15481R8
8.1
1.8V 4.5A
SFS15481R8
0.2typ
85typ
1.8
4.5
SFS15482R5
11.25
2.5V 4.5A
SFS15482R5
0.27typ
87typ
2.5
4.5
SFS15483R3
14.85
3.3V 4.5A
SFS15483R3
0.35typ
89typ
3.3
4.5
SFS154805
15.0
5V 3A
SFS154805
0.35typ
90typ
5
3
SFS154815
15.0
15V 1A
SFS154815
0.35typ
89typ
15
1
VOLTAGE ACCURACY[%] +5, -3
RIPPLE[mVp-p]
25max
RIPPLE NOISE[mVp-p]
50max
SFS154812
15.0
12V 1.25A
SFS154812
0.35typ
89typ
12
1.25
120max
150max
START-UP TIME[ms]
20 - 200max (DCIN 48V, Io=100%)
OUTPUT VOLTAGE SETTING *1 t1% of rated output voltage
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 103% of rating
OVERVOLTAGE PROTECTION Works at 120 - 140% of rating
LOWVOLTAGE PROTECTION Works at 90% max of rating
REMOTE ON/OFF
Provided(RC open : ON, short between RC and +Vin : OFF)
MODEL
MAX OUTPUT WATTAGE[W]
DC OUTPUT
SFS15242R5
11.25
2.5V 4.5A
SPECIFICATIONS
MODEL
INPUT
VOLTAGE[V]
CURRENT[A]
*1
EFFICIENCY[%]
*1
START-UP VOLTAGE[V]
DC16 - 18
HYSTERESIS VOLTAGE[V] DC1 min
OUTPUT
VOLTAGE[V]
CURRENT[A]
SFS15242R5
0.54typ
87typ
2.5
4.5
SFS15243R3
14.85
3.3V 4.5A
SFS15243R3
0.7typ
89typ
3.3
4.5
SFS152405
15.0
5V 3A
SFS152405
0.69typ
90typ
5
3
SFS152415
15.0
15V 1A
SFS152415
0.7typ
89typ
15
1
VOLTAGE ACCURACY[%] +5, -3
RIPPLE[mVp-p]
25max
RIPPLE NOISE[mVp-p]
50max
SFS152412
15.0
12V 1.25A
SFS152412
0.7typ
89typ
12
1.25
120max
150max
START-UP TIME[ms]
20 - 200max (DCIN 24V, Io=100%)
OUTPUT VOLTAGE SETTING *1 t1% of rated output voltage
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 103% of rating
OVERVOLTAGE PROTECTION Works at 120 - 140% of rating
LOWVOLTAGE PROTECTION Works at 90% max of rating
REMOTE ON/OFF
Provided(RC open : ON, short between RC and +Vin : OFF)
DC18 - 36



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com