Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPWWSCR Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # HPWWSCR
Description  Wire Basket Tray System Cable Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

HPWWSCR Datasheet(HTML) 2 Page - Hubbell Incorporated.

  HPWWSCR Datasheet HTML 1Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 2Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 3Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 4Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 5Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 6Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 7Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 8Page - Hubbell Incorporated. HPWWSCR Datasheet HTML 9Page - Hubbell Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Innovative, Flexible, Field-Configurable Wire Basket Solutions
Expertise
Hubbell, a recognized leader in power, data and audio video
delivery systems, has expanded its offering to include an
innovative, flexible and field-configurable Wire Basket Tray
System. Hubbell Wire Basket expands the delivery systems
that include Cable Management and Ladder Tray, which provide
enhanced capacity, proper support for bend radius and
much more.
Support Broad Range of Applications
Hubbell has a wire basket system to meet specific
requirements. For commercial controlled interior environments
and data centers, Hubbell Wire Basket Systems will help
save labor and minimize waste, while reducing impact to the
environment. The painted, masked version reduces on-site
paint removal, saving time and money. The raised access floor
system ships as a complete unit, eliminating the need to locate
and assemble components. Hubbell Wire Basket Systems
are available in overhead and raised floor applications. Both
systems are UL classified as equipment ground conductor,
provided they are installed and spliced according to our
recommended instructions.
Pre-Galvanized Finish is
Environmentally Friendly
The standard finish for Hubbell Basket Tray is pre-
galvanized, which is a significantly more environment-friendly
manufacturing process than a galvanizing dip. Pre-galvanizing
applies a zinc galvanizing to the basket prior to fabrication.
Then the galvanized wire is welded and formed into the
appropriate basket size. On the other hand, a post-fabrication
zinc application involves chemical cleaning and stripping, and
heavy metal dipping vats to apply the zinc. This produces
fumes and requires proper disposal of chemicals and metals.
Hubbell's pre-galvanized finish performs the same as the
post-production finish while avoiding secondary chemical
processing. A post-fabrication electro-zinc finish is also
available, if the customer prefers.
Sustainable Approach
Hubbell utilizes a sustainable approach
to assist in maintaining our environment.
Our wire basket systems utilize 100%
recycled steel content in the manufacturing of our tray, and are
packaged in kraft packaging that is not bleached. Packaging
and strapping materials are recyclable. MillCerts are available
upon request to assist in documenting recycled content for
possible LEED credits.
Customer Support and Technical Assistance
Hubbell's knowledgeable sales team is just a call away
for assistance in selecting the proper type basket tray for
any application or providing design assistance, including
developing a bill of material.
Pre-Galvanized
Wire is galvanized prior to fabrication.
Applications
Specification
• Commercial
• Controlled Interiors
ASTM A641
Painted Finishes
Powder coat; Black is available as standard.
Applications
Specification
• Data Center
• Controlled Interiors
N/A
2
Dimensions in Inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com