Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTA2 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CTA2
Description  CIT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CTA2 Datasheet(HTML) 1 Page - CIT Relay & Switch

  CTA2 Datasheet HTML 1Page - CIT Relay & Switch CTA2 Datasheet HTML 2Page - CIT Relay & Switch CTA2 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
•
Large switching capacity up to 40A
•
Small size and light weight
•
PCB pin and quick connect mounting available
•
Suitable for automobile and lamp accessories
•
QS-9000, ISO-9002 Certified Manufacturing
26.0 x 26.0 x 24.5 (39.5) mm
CONTACT DATA
Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
1U = SPST N.O. (2 terminals)
Contact Rating
1A: 40A @ 14VDC
1B: 30A @ 14VDC
1C: 40A @ 14VDC N.O. and 30A @ 14VDC N.C.
1U: 2x20A @ 14VDC
Contact Resistance
< 30 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
630W
Maximum Switching Voltage
75VDC
Maximum Switching Current
40A
COIL DATA
Coil Voltage
VDC
Coil Resistance
Ω ± 10%
Rated
Max.
1.6W
1.9W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
6
7.8
22.5
19
4.2
0.6
12
15.6
90
75.8
8.4
1.2
24
31.2
360
303.2
16.8
2.4
1.6 or 1.9
7
5
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
3. When testing, coil terminals should be connected if coil transient suppression is installed in relay.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
750V rms min. @ sea level
500V rms min. @ sea level
Shock Resistance
147m/s
2 for 11ms
Vibration Resistance
1.5mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
8N (Quick Connect), 4N (PCB Pins)
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
31g
CTA2


Similar Part No. - CTA2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CTA2 DIODES-CTA2 Datasheet
61Kb / 3P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
CTA2 DIODES-CTA2 Datasheet
69Kb / 4P
COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
logo
PowerVolt Inc.
CTA200-L01 POWERVOLT-CTA200-L01 Datasheet
119Kb / 1P
Connection Diagram , Schematic
logo
II-VI Marlow, Inc.
CTA230-0001-01 VIMARLOW-CTA230-0001-01 Datasheet
169Kb / 2P
AIR TO AIR TE EXCHANGER STANDARD PRODUCT
CTA230-0001-01 VIMARLOW-CTA230-0001-01 Datasheet
169Kb / 2P
Climatherm 230 Series
More results

Similar Description - CTA2

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com