Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA2182-15-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # CA2182-15-R
Description  Circular connector compatible to MS standard, Dummy receptacle, Applicable shell size: 48,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CA2182-15-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  CA2182-15-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CA2182-15-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CA2182-15-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CA2182-15-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CA2182-15-R
Features
Circular connector compatible to MS standard, Dummy receptacle, Applicable shell size: 48,
Part Number
CA2182-15-R
Status
Active
Number of Positions
-
Rated Current (A)
Rated Voltage (V)
Waterproof/ Non-waterproof
Contact Arrangement Code
Connector Type
Accessory
Connector Style
Contact Type
Wire Termination Method
Applicable Wire Size (AWG)
Coupling Style
Contact Size
Product Details


Similar Part No. - CA2182-15-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA21-1 MACOM-CA21-1 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
CA21-1 MA-COM-CA21-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
Belden Inc.
CA21108010 BELDEN-CA21108010 Datasheet
149Kb / 3P
Cable Assemblies - 10GX Modular Cord, 10 ft. (3.0 m)
02-09-2024
CA21108025 BELDEN-CA21108025 Datasheet
149Kb / 3P
Cable Assemblies - 10GX Modular Cord, 25 ft. (7.6 m)
02-09-2024
CA21108030 BELDEN-CA21108030 Datasheet
149Kb / 3P
Cable Assemblies - 10GX Modular Cord, 30 ft. (9.0m)
02-09-2024
More results

Similar Description - CA2182-15-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM21TPA-15S HIROSE-RM21TPA-15S Datasheet
795Kb / 15P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
logo
Glenair, Inc.
650LS001M16 GLENAIR-650LS001M16 Datasheet
27Kb / 1P
Dummy Stowage Receptacle
logo
Hirose Electric
RM21TPA-15S HIROSE-RM21TPA-15S_1 Datasheet
774Kb / 13P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
logo
Glenair, Inc.
650HS058 GLENAIR-650HS058 Datasheet
223Kb / 2P
Dummy Stowage Receptacle
logo
Winchester Electronics ...
KD-89-03 WINCHESTER-KD-89-03 Datasheet
34Kb / 1P
DUMMY RECEPTACLE
logo
Glenair, Inc.
650FS002 GLENAIR-650FS002 Datasheet
180Kb / 1P
Dummy Stowage Receptacle
logo
TE Connectivity Ltd
C-206061 TEC-C-206061 Datasheet
81Kb / 1P
RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 11, CPC
C-206705 TEC-C-206705 Datasheet
90Kb / 1P
RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 13, CPC
logo
Amphenol Corporation
TV07WCI1735PF404 AMPHENOL-TV07WCI1735PF404 Datasheet
1Mb / 44P
Standard Circular Connector
logo
Hirose Electric
LF13WBLP-20PA HIROSE-LF13WBLP-20PA Datasheet
173Kb / 1P
Standard Circular Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com