Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8FS-G60024CD-R Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # S8FS-G60024CD-R
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G60024CD-R Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button S8FS-G60024CD-R Datasheet HTML 11Page - Omron Electronics LLC S8FS-G60024CD-R Datasheet HTML 12Page - Omron Electronics LLC S8FS-G60024CD-R Datasheet HTML 13Page - Omron Electronics LLC S8FS-G60024CD-R Datasheet HTML 14Page - Omron Electronics LLC S8FS-G60024CD-R Datasheet HTML 15Page - Omron Electronics LLC S8FS-G60024CD-R Datasheet HTML 16Page - Omron Electronics LLC S8FS-G60024CD-R Datasheet HTML 17Page - Omron Electronics LLC S8FS-G60024CD-R Datasheet HTML 18Page - Omron Electronics LLC S8FS-G60024CD-R Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
S8FS-G
15
Construction and Nomenclature
Nomenclature
*1. The fuse is located on the (L) side. It is not user-replaceable. For a DC input, connect the positive voltage to the L terminal.
*2. This is the protective earth terminal specified in the safety standards. Always ground this terminal.
Input and Output Connectors (Connector type)
Note: The female connectors that are required for wiring are not provided with the Power Supply.
S8FS-G015
@@@
S8FS-G030
@@@
S8FS-G050
@@@
S8FS-G100
@@@
S8FS-G150
@@@
S8FS-G300
@@@
S8FS-G600
@@@
S8FS-G
@@@24CE
S8FS-G
@@@24C-R
S8FS-G
@@@24C-WR
No.
Terminal name
Name
Function
(1)
L
Input terminals
Connect the input lines to these terminals.
*1
(2)
N
(3)
PE
Protective Earth terminal ()
Connect the ground line to this terminal.
*2
(4)
+V1
DC output terminals
Connect the load lines to these terminals.
(5)
+V2
(6)
-V1
(7)
-V2
(8)
---
Output indicator (DC ON: green)
Lights while a direct current (DC) output is ON.
(9)
---
Output voltage adjuster (V.ADJ)
Use to adjust the voltage.
(10)
+RC
Remote control terminals
Wire for remote control.
(11)
-RC
(12)
---
Parallel operation switch
To operate in parallel, set the switch to the “PARALLEL” side.
Applicable
connector
Housing
Terminals
Applicable
crimp tool
Input side
All models
CN110
B3P5-VH (LF) (SN)
VHR-5N
Reel: SVH-21T-P1.1
Bulk: BVH-21T-P1.1
YC-160R
Output side
S8FS-G01524
@E
S8FS-G03024
@E
S8FS-G05024
@E
CN510
B4P-VH (LF) (SN)
VHR-4N
S8FS-G10024
@E
S8FS-G15024
@E
B6P-VH (LF) (SN)
VHR-6N
Manufacturer
J.S.T. Mfg. Co., Ltd.
(1)
(2)
(3)
(8)
(9)
(4)
(6)
(1)
(2)
(3)
(8)
(7)
(5)
(9)
(4)
(6)
(1)
(2)
(3)
(8)
(7)
(5)
(9)
(4)
(6)
(9)
(6)
(4)
(8)
(1)
(2)
(3)
(1)
(2)
(3)
(10)
(11)
(8)
(7)
(4)
(5)
(9)
(6)
(8)
(1)
(2)
(3)
(9)
(10)
(11)
(12)
(7)
(4)
(5)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com