Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6308 Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MS6308
Description  Class AB Stereo Headphone Driver Low Distortion, Excellent PSRR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6308 Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MS6308 Datasheet HTML 1Page - MOSA ELECTRONICS MS6308 Datasheet HTML 2Page - MOSA ELECTRONICS MS6308 Datasheet HTML 3Page - MOSA ELECTRONICS MS6308 Datasheet HTML 4Page - MOSA ELECTRONICS MS6308 Datasheet HTML 5Page - MOSA ELECTRONICS MS6308 Datasheet HTML 6Page - MOSA ELECTRONICS MS6308 Datasheet HTML 7Page - MOSA ELECTRONICS MS6308 Datasheet HTML 8Page - MOSA ELECTRONICS MS6308 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MOSA
MS6308
Class AB Stereo Headphone Driver
REV 1
4
www.mosanalog.com.tw
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25℃, RL=32Ω; unless otherwise specified)
OUTPUT VOLTAGE (dBV)
OUTPUT VOLTAGE (dBV)
OUTPUT VOLTAGE (dBV)
THD+N vs. output voltage
THD+N vs. output voltage
THD+N vs. output voltage
f=20kHz
f=20kHz
f=20kHz
f=20Hz
f=20Hz
f=20Hz
f=1kHz
f=1kHz
f=1kHz
VDD=5V
VDD=2.8V
VDD=3.3V
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
THD+N vs. frequency
Channel separation vs. frequency
PSRR vs. frequency
VDD=5V
VO=3.5Vpp
VDD=3.3V
VDD=5V
VDD=2.8V
VO=2Vpp
VDD=2.8V
VO=2Vpp
VDD=3.3V
VO=2Vpp
VDD=2.8V
VDD=3.3V
VO=2Vpp
VDD=5V
VO=3.5Vpp
VRR=-20dBV
Vref=1/2VDD
SUPPLY VOLTAGE (V)
Quiescent current vs. supply voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com