Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI-44SH-5-RZGXX Datasheet(PDF) 15 Page - PowerDynamics, Inc

Part # PDI-44SH-5-RZGXX
Description  D-SUB CONNECTORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDI-44SH-5-RZGXX Datasheet(HTML) 15 Page - PowerDynamics, Inc

Back Button PDI-44SH-5-RZGXX Datasheet HTML 11Page - PowerDynamics, Inc PDI-44SH-5-RZGXX Datasheet HTML 12Page - PowerDynamics, Inc PDI-44SH-5-RZGXX Datasheet HTML 13Page - PowerDynamics, Inc PDI-44SH-5-RZGXX Datasheet HTML 14Page - PowerDynamics, Inc PDI-44SH-5-RZGXX Datasheet HTML 15Page - PowerDynamics, Inc PDI-44SH-5-RZGXX Datasheet HTML 16Page - PowerDynamics, Inc PDI-44SH-5-RZGXX Datasheet HTML 17Page - PowerDynamics, Inc PDI-44SH-5-RZGXX Datasheet HTML 18Page - PowerDynamics, Inc PDI-44SH-5-RZGXX Datasheet HTML 19Page - PowerDynamics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
187
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: sales@powerdynamics.com •
www.powerdynamics.com
7
7
Board Mount Options, Straight
TERMINATION TYPE
P.C. PINS
SOLDER CUP
EXTENDED
P.C. PINS
HOLE
5.8mm RIVET
ATTACHED
IN BACK
2.5mm HEX RIVET
5.8mm RIVET
ATTACHED
IN FRONT
11.9mm
BOARD LOCK
5.8mm
BOARD LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com