Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6323 Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6323
Description  16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6323 Datasheet(HTML) 6 Page - MOSA ELECTRONICS

  MS6323 Datasheet HTML 1Page - MOSA ELECTRONICS MS6323 Datasheet HTML 2Page - MOSA ELECTRONICS MS6323 Datasheet HTML 3Page - MOSA ELECTRONICS MS6323 Datasheet HTML 4Page - MOSA ELECTRONICS MS6323 Datasheet HTML 5Page - MOSA ELECTRONICS MS6323 Datasheet HTML 6Page - MOSA ELECTRONICS MS6323 Datasheet HTML 7Page - MOSA ELECTRONICS MS6323 Datasheet HTML 8Page - MOSA ELECTRONICS MS6323 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MOSA
MS6323
16-Bits Stereo Audio DAC
REV1.1
6
www.mosanalog.com
Data format (BCK, WS, DATA)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input LOW CMOS level
MS6323AS
-
-
0.3VDD
V
VIL
Input LOW TTL level
MS6323T
-
-
0.8
V
Input HIGH COMS level
MS6323AS
0.7VDD
-
-
V
VIH
Input HIGH TTL level
MS6323T
2
-
-
V
l I IL l
Input Leakage Current LOW
-
-
10
μA
l I IH l
Input Leakage Current HIGH
-
-
10
μA
f
BCK
Input Clock Frequency
-
-
18.4
MHz
BR
Bit Rate Data Input
-
-
18.4
Mbits/s
f
WS
Word Select Input
-
-
384
kHz
t r
Rise Time
-
-
12
ns
t f
Fall Time
-
-
12
ns
t Cr
Bit Clock Cycle Time
54
-
-
ns
t HB
Bit Clock High Time
15
-
-
ns
t LB
Bit Clock Low Time
15
-
-
ns
t SD
Data Set-up Time
12
-
-
ns
t HD
Data Hold Time to Bit Clock
2
-
-
ns
t HW
Word Select Hold Time
2
-
-
ns
t SW
Word Select Set-up Time
12
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com