Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6258SSGU Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6258SSGU
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258SSGU Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6258SSGU Datasheet HTML 4Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 9Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 10Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 11Page - MOSA ELECTRONICS MS6258SSGU Datasheet HTML 12Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 1
9
www.mosanalog.com.tw
Example
Mute off
The initial condition is –79dB and mute on when power on. The first command must disable the mute function.
Data byte
1
000
00
MSB
10
ACK
Start
0
111
00
10
MS6258 address
2-ch, Mute off
LSB
Stop
ACK
Set gain of 2 channel at 0dB, and selected stereo 1 input.
ACK
Stop
11
00
00
00
2-ch, +1dB/step, 0dB
ACK
Start
MS6258 Address
ACK
1110
00
00
2-ch, -10dB/step, 0dB
110
1
0
0
00
ACK
2-ch, -1dB/step, 0dB
0100
0
00
ACK
Stereo 1 input
0
Set gain of 2 channel at 6dB, and selected stereo 2 input.
The value of attenuation must be set zero when the volume from attenuation to gain.
ACK
Stop
11
00
10
01
2-ch, +1dB/step, 6dB
ACK
Start
MS6258 Address
ACK
1110
00
00
2-ch, -10dB/step, 0dB
110
1
0
0
00
ACK
2-ch, -1dB/step, 0dB
ACK
0100
0
00
1
Stereo 2 input
Set gain of 2 channel at -3dB, and selected stereo 3 input.
The value of gain must be set zero when the volume from gain to attenuation.
ACK
Start
MS6258 Address
ACK
1100
00
00
2-ch, +1dB/step, 0dB
111
0
0
0
00
ACK
2-ch, -10dB/step, 0dB
ACK
11
01
11
00
2-ch, -1dB/step, -3dB
ACK
Stop
0100
1
00
0
Stereo 3 input
Set attenuation of left channel at –33dB, and selected stereo 3 input.
ACK
Start
MS6258 Address
ACK
1011
11
00
L-ch, -10dB/step, -30dB
101
0
1
1
00
ACK
L-ch, -1dB/step, -3dB
ACK
11
01
11
00
Stereo 4 input
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com