Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6714 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6714
Description  4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6714 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6714 Datasheet HTML 1Page - MOSA ELECTRONICS MS6714 Datasheet HTML 2Page - MOSA ELECTRONICS MS6714 Datasheet HTML 3Page - MOSA ELECTRONICS MS6714 Datasheet HTML 4Page - MOSA ELECTRONICS MS6714 Datasheet HTML 5Page - MOSA ELECTRONICS MS6714 Datasheet HTML 6Page - MOSA ELECTRONICS MS6714 Datasheet HTML 7Page - MOSA ELECTRONICS MS6714 Datasheet HTML 8Page - MOSA ELECTRONICS MS6714 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MOSA
MS6714
4 Stereo Inputs / 2 Channels Output Audio Processor
REV1.0
2
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
VDD
1
Supply Input Voltage
AGND
2
Analog Ground
TREB_L
3
Left Channel Input for Treble Controller
TREB_R
4
Right Channel Input for Treble Controller
RIN
5
Audio Processor Right Channel Input
ROUT
6
Gain Output and Input Selector for Right Channel
LOUD_R
7
Right Channel Loudness Input
RIN4
8
Right Channel Input 4
RIN3
9
Right Channel Input 3
RIN2
10
Right Channel Input 2
RIN1
11
Right Channel Input 1
LOUD_L
12
Left Channel Loudness Input
LIN4
13
Left Channel Input 4
LIN3
14
Left Channel Input 3
LIN2
15
Left Channel Input 2
LIN1
16
Left Channel Input 1
LIN
17
Audio Processor Left Channel Input
LOUT
18
Gain Output and Input Selector for Left Channel
BIN_L
19
Left Bass Controller Input Channel
BOUT_L
20
Left Bass Controller Output Channel
BIN_R
21
Right Bass Controller Input Channel
BOUT_R
22
Right Bass Controller Output Channel
OUT_R
23
Right Speaker Output
OUT_L
24
Left Speaker Output
DGND
25
Digital Ground
SDA
26
I
2C Data Input
SCL
27
I
2C Clock Input
REF
28
Analog Reference Voltage(1/2VDD)
LIN
LIN1
LIN2
LIN3
LIN4
LOUD_L
RIN1
27
26
25
28
2
3
4
1
SCL
SDA
DGND
OUT_L
REF
VDD
AGND
TREB_L
OUT_R
BOUT_R
BIN_R
BOUT_L
BIN_L
LOUT
RIN2
RIN3
LOUD_R
ROUT
RIN
TREB_R
23
22
21
24
6
7
8
5
19
18
17
20
10
11
12
9
15
16
14
MS6714
RIN4
13
SOP28 / SSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com