Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6333Q Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6333Q
Description  16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6333Q Datasheet(HTML) 7 Page - MOSA ELECTRONICS

Back Button MS6333Q Datasheet HTML 3Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 4Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 5Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 6Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 7Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 8Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 9Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 10Page - MOSA ELECTRONICS MS6333Q Datasheet HTML 11Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOSA
MS6333
16-Bit Stereo Audio DAC & Headphone Driver
REV1
7
www.mosanalog.com
TIMING AND DATA FORMAT
The MS6333 accepts input serial data formats of 16-bit word length. Left and right data words are time
multiplexed. The MSB must always be first. The format of data input is shown in Figs. 1 and 2.
RIGHT
WS
BCK
DATA
LSB
MSB
t
r
t
HB
t
f
t
cr
t
LB
t
HW
t
SW
LEFT
t
SD
t
HD
Fig.1
Timing and input signals.
0
1
2
15
14
13
210
MSB
LSB
15
14
13
21
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
Fig.2
Format of input signals.
Data format (BCK, WS, DATA)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input LOW level
-
-
0.3VDD
V
VIH
Input HIGH level
0.7VDD
-
-
V
l I IL l
Input Leakage Current LOW
-
-
10
µA
l I IH l
Input Leakage Current HIGH
-
-
10
µA
f
BCK
Input Clock Frequency
-
-
18.4
MHz
BR
Bit Rate Data Input
-
-
18.4
Mbits/s
f
WS
Word Select Input
-
-
384
kHz
t r
Rise Time
-
-
12
ns
t f
Fall Time
-
-
12
ns
t Cr
Bit Clock Cycle Time
54
-
-
ns
t HB
Bit Clock High Time
15
-
-
ns
t LB
Bit Clock Low Time
15
-
-
ns
t SD
Data Set-up Time
12
-
-
ns
t HD
Data Hold Time to Bit Clock
2
-
-
ns
t HW
Word Select Hold Time
2
-
-
ns
t SW
Word Select Set-up Time
12
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com