Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6713GU Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6713GU
Description  3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6713GU Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6713GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 11Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 12Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 13Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MOSA
MS6713
3 Stereo Inputs / 4 Channels Output Audio Processor
REV1.0
9
www.mosanalog.com
Interface Protocol
The format consists of the following
‧A START condition
‧A chip address byte including the MS6713 address. (7bits)
‧The 8
th bit of the byte must be “0”.(write=0, read=1)
‧MS6713 must always acknowledge the end of each transmitted byte.
‧A data sequence (N-bytes + Acknowledge)
‧A STOP condition
SCL
SDA
1-7
8
9
1-7
8
9
9
8
1-7
S
P
ADDRESS
R/ W
--
ACK
ACK
ACK
DATA
DATA
START
CONDITION
STOP
CONDITION
Address Code
The chip address of the MS6713 is 88H.
10
0
0
0
0
10
7 bits address
MS6713 address
W
Data Bytes Description
The default states of the chip as the power is on are: the volume is -78.75dB, the stereo 4 is selected, all the speakers are
mute and the gains of the input stage, the bass and the treble are 0dB. The stereo 4 is connected internally, but not
available on pins.
MSB
LSB
Function
0
0
B2
B1
B0
A2
A1
A0
Volume Control
1
1
0
B1
B0
A2
A1
A0
Speaker ATT LR
1
1
1
B1
B0
A2
A1
A0
Speaker ATT RR
1
0
0
B1
B0
A2
A1
A0
Speaker ATT LF
1
0
1
B1
B0
A2
A1
A0
Speaker ATT RF
0
1
0
G1
G0
S2
S1
S0
Audio Switch
0
1
1
0
C3
C2
C1
C0
Bass Control
0
1
1
1
C3
C2
C1
C0
Treble Control
Where Ax = 1.25dB/step; Bx = 10dB/step; Cx = 2dB/step; Gx = 3.75dB/step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com