Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6715 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6715
Description  1 Stereo Input and 2 Channels Output Volume, Tone, Balance, Loudness Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6715 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6715 Datasheet HTML 1Page - MOSA ELECTRONICS MS6715 Datasheet HTML 2Page - MOSA ELECTRONICS MS6715 Datasheet HTML 3Page - MOSA ELECTRONICS MS6715 Datasheet HTML 4Page - MOSA ELECTRONICS MS6715 Datasheet HTML 5Page - MOSA ELECTRONICS MS6715 Datasheet HTML 6Page - MOSA ELECTRONICS MS6715 Datasheet HTML 7Page - MOSA ELECTRONICS MS6715 Datasheet HTML 8Page - MOSA ELECTRONICS MS6715 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MOSA
MS6715
1 Stereo Input / 2 Channels Output Audio Processor
REV1.0
1
www.mosanalog.com
1 Stereo Input and 2 Channels Output
Volume, Tone, Balance, Loudness Function
FEATURES
‧Operation range : 2.7V~5V
‧2 independent speaker controls for balance
‧Tone controls (treble and bass)
‧Loudness and independent mute function
‧Volume control in 1.25 dB/step
‧I
2C interface
‧Components less and good PSRR
‧Housed in SOP20, SSOP20 package
APPLICATIONS
‧Portable audio device
‧Hi-Fi audio system
‧Cross-reference:
TDA7315, PT2315
DESCRIPTION
The MS6715 is a 1 stereo inputs/2-channel outputs digital control audio processor for the low voltage operation.
Volume, tone (bass and treble), and balance (left/right) processor are incorporated into a single chip. The MS6715 also
has the loudness function. These functions can be built a Hi-Fi audio system easily. All functions are programmable
via the serial I
2C bus. The default states of the chip as the power is on are: the volume is -78.75dB, the stereo 4 is
selected, all the speakers are mute and the gains of the bass and the treble are 0dB.
BLOCK DIAGRAM
RIN
Treble
Bass
Bass
Treble
LIN
R
B
R
B
LOUD_R
TREB_R
BOUT_R BIN_R
LOUD_L
TREB_L
BOUT_L BIN_L
7
4
5
11
6
913
14
15
12
Volume &
Londness
Volume &
Londness
Supply
REF
AVDD AGND
1
23
Speaker
ATT
Mute
Speaker
ATT
Mute
Serial Bus Decoder and Latches
SCL
SDA
DGND
OUT_L
OUT_R
18
19
17
16
20


Similar Part No. - MS6715

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6715 MOSA-MS6715 Datasheet
512Kb / 16P
1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
MS6715GTR MOSA-MS6715GTR Datasheet
512Kb / 16P
1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
MS6715GU MOSA-MS6715GU Datasheet
512Kb / 16P
1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
MS6715L MOSA-MS6715L Datasheet
627Kb / 13P
Low Cost 1 Stereo Input and 1 Stereo Output
MS6715SSGTR MOSA-MS6715SSGTR Datasheet
512Kb / 16P
1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
More results

Similar Description - MS6715

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
Car Stereo Electronic Tone and Volume Control
logo
List of Unclassifed Man...
TCA730A ETC-TCA730A Datasheet
595Kb / 14P
D.C. VOLUME AND BALANCE STEREO CONTROL CIRCUIT
logo
National Semiconductor ...
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
logo
MOSA ELECTRONICS
MS6713 MOSA-MS6713 Datasheet
422Kb / 15P
3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714 Datasheet
419Kb / 15P
4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6712 MOSA-MS6712 Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712 MOSA-MS6712_1 Datasheet
526Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6715 MOSA-MS6715_1 Datasheet
512Kb / 16P
1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com