Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6853 Datasheet(PDF) 12 Page - MOSA ELECTRONICS

Part # MS6853
Description  Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6853 Datasheet(HTML) 12 Page - MOSA ELECTRONICS

Back Button MS6853 Datasheet HTML 4Page - MOSA ELECTRONICS MS6853 Datasheet HTML 5Page - MOSA ELECTRONICS MS6853 Datasheet HTML 6Page - MOSA ELECTRONICS MS6853 Datasheet HTML 7Page - MOSA ELECTRONICS MS6853 Datasheet HTML 8Page - MOSA ELECTRONICS MS6853 Datasheet HTML 9Page - MOSA ELECTRONICS MS6853 Datasheet HTML 10Page - MOSA ELECTRONICS MS6853 Datasheet HTML 11Page - MOSA ELECTRONICS MS6853 Datasheet HTML 12Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MOSA
MS6853
Mono 1.9W / Stereo 300mW Power Amplifier
REV 1.1
12
www.mosanalog.com
Function description
Label 1: Supply Input
Supply voltage range is 2.7V to 5.5V, the right of jump is positive, the left of jump is negative.
Label 2: Signal Input
Connected to audio signals.
Label 3: Speaker Output
Connected to speaker with 8ohm or 4 ohm
Label 4: Headphone Jack
Used 3.5mm diameter of headphone with 32ohm
Label 5: Shutdown Control
System is active mode when jump is close, system enters shutdown mode when jump is open.
SE mode and BTL mode operation
The headphone controls operational mode. System enters SE mode when headphone jack is empty.
When a set of headphone plugged into the jack, the system switched to BTL mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com